Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3338KIB Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI3338KIB
Description  8-Bit, CMOS R2R D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3338KIB Datasheet(HTML) 4 Page - Intersil Corporation

  HI3338KIB Datasheet HTML 1Page - Intersil Corporation HI3338KIB Datasheet HTML 2Page - Intersil Corporation HI3338KIB Datasheet HTML 3Page - Intersil Corporation HI3338KIB Datasheet HTML 4Page - Intersil Corporation HI3338KIB Datasheet HTML 5Page - Intersil Corporation HI3338KIB Datasheet HTML 6Page - Intersil Corporation HI3338KIB Datasheet HTML 7Page - Intersil Corporation HI3338KIB Datasheet HTML 8Page - Intersil Corporation HI3338KIB Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SUPPLY VOLTAGE
Static IDD or IEE
LE = Low, D0 - D7 = High
-
100
220
µA
LE = Low, D0 - D7 = Low
-
-
100
µA
Dynamic IDD or IEE
VOUT = 10MHz, 0V to 5V Square Wave
-
20
-
mA
Dynamic IDD or IEE
VOUT = 10MHz, ±2.5V Square Wave
-
25
-
mA
VDD Rejection
50kHz Sine Wave Applied
-
3
-
mV/V
VEE Rejection
50kHz Sine Wave Applied
-
1
-
mV/V
DIGITAL INPUTS
D0 - D7, LE, COMP
High Level Input Voltage
Note 1
2
-
-
V
Low Level Input Voltage
Note 1
-
-
0.8
V
Leakage Current
-
±1
±5
µA
Capacitance
-
5
-
pF
TEMPERATURE COEFFICIENTS
Output Impedance
-
200
-
ppm/×oC
NOTE:
1. Parameter not tested, but guaranteed by design or characterization.
Electrical Specifications
TA = 25
oC, V
DD = 5V, VREF+ = 4.608V, VSS = VEE = VREF- = GND, LE clocked at 20MHz, RL ≥ 1MΩ,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Timing Diagrams
FIGURE 1. DATA TO LATCH ENABLE TIMING
FIGURE 2. DATA AND LATCH ENABLE TO OUTPUT TIMING
INPUT DATA
LATCH
tSU1
tSU2
tW
tH
ENABLE
LATCHED
LATCHED
DATA
FEEDTHROUGH
tD1
tD2
tr
tS
1/
2 LSB
1/
2 LSB
90%
10%
INPUT
LATCH
ENABLE
OUTPUT
VOLTAGE
DATA
HI3338


Similar Part No. - HI3338KIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3338KIB INTERSIL-HI3338KIB Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
logo
Renesas Technology Corp
HI3338KIB RENESAS-HI3338KIB Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
HI3338KIBZ RENESAS-HI3338KIBZ Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
More results

Similar Description - HI3338KIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
logo
Renesas Technology Corp
HI3338 RENESAS-HI3338 Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
Intersil Corporation
CA3338 INTERSIL-CA3338 Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
CA3338 INTERSIL-CA3338_04 Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Renesas Technology Corp
CA3338 RENESAS-CA3338 Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Nippon Precision Circui...
SM6103 NPC-SM6103 Datasheet
272Kb / 9P
   CMOS 8-bit A/D Converter
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
   Octal 8 Bit CMOS D/A Converter
DAC8800 AD-DAC8800 Datasheet
307Kb / 16P
   Octal 8-Bit CMOS D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX7228 MAXIM-MX7228 Datasheet
379Kb / 12P
   CMOS Octal 8-Bit D/A Converter
1989
logo
Microchip Technology
PIC16C72 MICROCHIP-PIC16C72 Datasheet
1Mb / 124P
   8-Bit CMOS Microcontrollers with A/D Converter
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com