Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM20020ILJP Datasheet(PDF) 7 Page - SMSC Corporation

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020ILJP Datasheet(HTML) 7 Page - SMSC Corporation

Back Button COM20020ILJP Datasheet HTML 3Page - SMSC Corporation COM20020ILJP Datasheet HTML 4Page - SMSC Corporation COM20020ILJP Datasheet HTML 5Page - SMSC Corporation COM20020ILJP Datasheet HTML 6Page - SMSC Corporation COM20020ILJP Datasheet HTML 7Page - SMSC Corporation COM20020ILJP Datasheet HTML 8Page - SMSC Corporation COM20020ILJP Datasheet HTML 9Page - SMSC Corporation COM20020ILJP Datasheet HTML 10Page - SMSC Corporation COM20020ILJP Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
SMSC COM20020I Rev D
Page 7
Revision 12-05-06
DATASHEET
Chapter 2
Pin Configurations
26
27
28
1
2
3
4
18
17
16
15
14
13
12
56
7
89
10
11
25
24
23
22
21
20
19
nPULSE 1
XTAL2
XTAL1
VDD
VSS
N/C
D7
nWR/DIR
nRD/nDS
VDD
A0/nMUX
A1
A2/ALE
AD0
Package: 28-Pin PLCC
COM20020 I LJP
PACKAGE TYPE: "LJP" = Standard (Sn/Pb) plated PLCC
"-DZD" = Pb-free plated PLCC
TEMP RANGE:
(Blank) = Commercial = 0°C to +70°C
"I" = Industrial = -40°C to +85°C
DEVICE TYPE:
20020 = Universal Local Area Network Controller
(with 2K x 8 RAM)
Ordering Information:
Figure 2.1 - Pin Configuration - COM20020I 28-Pin PLCC


Similar Part No. - COM20020ILJP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
logo
SMSC Corporation
COM20020ILJP3V SMSC-COM20020ILJP3V Datasheet
340Kb / 72P
   COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20020ILJP3V SMSC-COM20020ILJP3V Datasheet
536Kb / 82P
   Universal Local Area Network Controller with 2K x 8 On-Board RAM
More results

Similar Description - COM20020ILJP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
logo
SMSC Corporation
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I_06 Datasheet
392Kb / 65P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com