Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1458D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MC1458D
Description  General purpose operational amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC1458D Datasheet(HTML) 2 Page - NXP Semiconductors

  MC1458D Datasheet HTML 1Page - NXP Semiconductors MC1458D Datasheet HTML 2Page - NXP Semiconductors MC1458D Datasheet HTML 3Page - NXP Semiconductors MC1458D Datasheet HTML 4Page - NXP Semiconductors MC1458D Datasheet HTML 5Page - NXP Semiconductors MC1458D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
MC/SA1458/MC1558
General purpose operational amplifier
August 31, 1994
60
EQUIVALENT SCHEMATIC
Amplifier “A” of MC1458, SA1458, MC1558
NON–INVERTING
INPUT
3
Q1
Q8
Q2
Q3
Q4
Q7
Q5
Q6
R1
1K
R2
50K
R3
1k
INVERT.
INPUT
Q9
Q12
Q13
R5
39K
Q10
Q11
Q22
V+
Q14
R9
25
1
OUTPUT
R10
50
Q20
Q16
Q17
Q18
Q15
8
4
V–
R11
50
R12
50k
R7
4.5K
R8
7.5K
R4
5k
2
DC ELECTRICAL CHARACTERISTICS
TA=25°C, VS=±15V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MC1558
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VOS
Offset voltage
RS=10kΩ
1.0
5.0
mV
RS=10kΩ, over temperature
6.0
mV
∆VOS
Offset voltage
Over temperature
10
µV/°C
IOS
Offset current
20
200
nA
Over temperature
500
nA
∆IOS
Offset current
Over temperature
0.10
nA/
°C
IBIAS
Input bias current
80
500
nA
Over temperature
1500
nA
∆IBIAS
Bias current
Over temperature
1.0
nA/
°C
VOUT
Output voltage swing
RL=10kΩ, over temperature
±12
±14
V
VOUT
Output voltage swing
RL=2kΩ, over temperature
±10
±13
V
AVOL
Large-signal voltage gain
RL=2kΩ,VO=±10V
50
100
V/mV
AVOL
Large-signal voltage gain
RL=2kΩ, VO=± temperature
20
V/mV
Offset voltage adjustment range
±30
mV
PSRR
Power supply rejection ratio
RS≤10kΩ
30
150
µV/V
CMRR
Common mode rejection ratio
70
90
dB
ICC
Supply current
2.3
5.0
mA
VIN
Input voltage range
±12
±13
V
PD
Power consumption
70
150
mW
Channel separation
120
dB
ROUT
Output resistance
75
ISC
Output short-circuit current
10
25
60
mA


Similar Part No. - MC1458D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1458D ONSEMI-MC1458D Datasheet
126Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
1996 REV 1
logo
STMicroelectronics
MC1458D STMICROELECTRONICS-MC1458D Datasheet
102Kb / 6P
   DUAL OPERATIONAL AMPLIFIERS
December 2001
logo
Texas Instruments
MC1458D TI-MC1458D Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458D TI-MC1458D Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458D TI1-MC1458D Datasheet
777Kb / 18P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - MC1458D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com