Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3086 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI3086
Description  6-Bit, 140 MSPS, Flash A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3086 Datasheet(HTML) 1 Page - Intersil Corporation

  HI3086 Datasheet HTML 1Page - Intersil Corporation HI3086 Datasheet HTML 2Page - Intersil Corporation HI3086 Datasheet HTML 3Page - Intersil Corporation HI3086 Datasheet HTML 4Page - Intersil Corporation HI3086 Datasheet HTML 5Page - Intersil Corporation HI3086 Datasheet HTML 6Page - Intersil Corporation HI3086 Datasheet HTML 7Page - Intersil Corporation HI3086 Datasheet HTML 8Page - Intersil Corporation HI3086 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
August 2000
HI3086
6-Bit, 140 MSPS, Flash A/D Converter
Features
• Differential Linearity Error. . . . . . . . . . . . . . . . .
±0.2 LSB
• Integral Linearity Error . . . . . . . . . . . . . . . . . .
±0.2 LSB
• Single +5V Power Supply Operation Available
• Low Input Capacitance . . . . . . . . . . . . . . . . . . . . . . . 7pF
• Wide Analog Input Bandwidth . . . . . . . . . . . . . 200MHz
• Low Power Consumption . . . . . . . . . . . . . . . . . . 360mW
• CLK/2 Clock Output Pin
• Excellent Temperature Characteristics
• 1:2 Demultiplexed Output
• Internal 1/2 Frequency Divider Circuit
(With Reset Function)
• Compatible with ECL, PECL and TTL Digital Input Levels
• Direct Replacement for Sony CXA3086
Applications
• RGB Graphics Processing (LCD, PDP)
• Digital Communications (QPSK, QAM)
• Magnetic Recording (PRML)
Description
The HI3086 is a 6-bit, high-speed, flash analog-to-digital con-
verter optimized for high speed, low power, and ease of use.
With a 140 MSPS encode rate capability and full-power analog
bandwidth of 200MHz, this component is ideal for applications
requiring the highest possible dynamic performance.
To minimize system cost and power dissipation, only a +5V
power supply is required. The HI3086’s clock input interfaces
directly to TTL, ECL, or PECL logic and will operate with single-
ended inputs. The user may select 16-bit demultiplexed output
or 8-bit single-channel digital outputs. The demultiplexed mode
interleaves the data through two 8-bit channels at 1/2 the clock
rate. Operation in demultiplexed mode reduces the speed and
cost of external digital interfaces, while allowing the A/D
converter to be clocked to the full 140 MSPS conversion rate.
Fabricated with an advanced bipolar process, the HI3086 is
provided in a space-saving 48-lead MQFP surface mount
plastic package and is specified over the -20oC to 75oC
temperature range.
Pinout
HI3086 (MQFP)
TOP VIEW
Part Number Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HI3086JCQ
-20 to 75
48 Ld MQFP
Q48.12x12-S
HI3086EVAL
25
Evaluation Board
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
DGND2
P1D5 (MSB)
P1D4
P1D3
P1D2
P1D1
P1D0 (LSB)
DGND2
DVCC2
CLK/T
CLKN/E
CLK/E
DGND2
P2D0 (LSB)
P2D1
P2D2
P2D3
DGND2
DVCC2
RESETN/T
RESET/E
RESETN/E
P2D4
P2D5 (MSB)
File Number
4110.2
CCAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
FOR
A PO
SSIB
LE S
UBST
ITUT
E PR
ODU
CT
conta
ct ou
r Tec
hnica
l Sup
port
Cent
er at
1-888
-INTE
RSIL
or ww
w.int
ersil.
com/
tsc
OBSO
LETE
PROD
UCT


Similar Part No. - HI3086

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3086EVAL INTERSIL-HI3086EVAL Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3086JCQ INTERSIL-HI3086JCQ Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
More results

Similar Description - HI3086

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Intersil Corporation
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com