Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB3290-FH Datasheet(PDF) 6 Page - SMSC Corporation

Part # USB3290-FH
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290-FH Datasheet(HTML) 6 Page - SMSC Corporation

Back Button USB3290-FH Datasheet HTML 2Page - SMSC Corporation USB3290-FH Datasheet HTML 3Page - SMSC Corporation USB3290-FH Datasheet HTML 4Page - SMSC Corporation USB3290-FH Datasheet HTML 5Page - SMSC Corporation USB3290-FH Datasheet HTML 6Page - SMSC Corporation USB3290-FH Datasheet HTML 7Page - SMSC Corporation USB3290-FH Datasheet HTML 8Page - SMSC Corporation USB3290-FH Datasheet HTML 9Page - SMSC Corporation USB3290-FH Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
Revision 1.2 (10-27-06)
6
SMSC USB3290
DATASHEET
Chapter 1 General Description
The USB3290 provides the Physical Layer (PHY) interface to a USB 2.0 Device Controller. The IC is
available in a 40 ball lead-free RoHS compliant VFBGA package. The small footprint package makes
the USB3290 ideal for portable consumer electronics applications.
1.1
Product Description
The USB3290 is an industrial temperature USB 2.0 physical layer transceiver (PHY) integrated circuit.
SMSC’s proprietary technology results in low power dissipation, which is ideal for building a bus
powered USB 2.0 peripheral. The PHY uses an 8-bit bidirectional parallel interface, which complies
with the USB Transceiver Macrocell Interface (UTMI) specification. It supports 480Mbps transfer rate,
while remaining backward compatible with USB 1.1 legacy protocol at 12Mbps.
All required termination and 5.25V short circuit protection of the DP/DM lines are internal to the chip.
The USB3290 also has an integrated 1.8V regulator so that only a 3.3V supply is required.
While transmitting data, the PHY serializes data and generates SYNC and EOP fields. It also performs
needed bit stuffing and NRZI encoding. Likewise, while receiving data, the PHY de-serializes incoming
data, stripping SYNC and EOP fields and performs bit un-stuffing and NRZI decoding.


Similar Part No. - USB3290-FH

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3290 SMSC-USB3290 Datasheet
872Kb / 46P
   Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
USB3290 SMSC-USB3290_07 Datasheet
872Kb / 46P
   Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
More results

Similar Description - USB3290-FH

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3290 SMSC-USB3290_07 Datasheet
872Kb / 46P
   Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
   Hi-Speed USB Device PHY with UTMI Interface
logo
Microchip Technology
USB3280 MICROCHIP-USB3280 Datasheet
739Kb / 44P
   Hi-Speed USB Device PHY with UTMI Interface
01/27/15
logo
SMSC Corporation
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
   HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
logo
Microchip Technology
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
   Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
logo
SMSC Corporation
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
   Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
logo
Microchip Technology
USB3250 MICROCHIP-USB3250 Datasheet
753Kb / 46P
   Hi-Speed USB Device Transceiver with UTMI Interface
07/14/15
logo
SMSC Corporation
USB3300 SMSC-USB3300 Datasheet
344Kb / 11P
   HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com