Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3410 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MC3410
Description  10-Bit high-speed multiplying D/A converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC3410 Datasheet(HTML) 7 Page - NXP Semiconductors

  MC3410 Datasheet HTML 1Page - NXP Semiconductors MC3410 Datasheet HTML 2Page - NXP Semiconductors MC3410 Datasheet HTML 3Page - NXP Semiconductors MC3410 Datasheet HTML 4Page - NXP Semiconductors MC3410 Datasheet HTML 5Page - NXP Semiconductors MC3410 Datasheet HTML 6Page - NXP Semiconductors MC3410 Datasheet HTML 7Page - NXP Semiconductors MC3410 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
MC3410,
MC3410C
10-Bit high-speed multiplying D/A converter
August 31, 1994
749
Figure 7. Settling Time
4
5
6
7
8
9
10
11
12
13
14
1
16
15
3
2
1k
1k
50
+2VDC
500
VCC
VEE
RL
VO
CO ≤ 25pF
VI
0.1
µF
0.1
µF
0.1
µF
MC3410
2.4V
0.4V
0.5V
0
tS — 250ns TYPICAL
TO
± 1/2 LSB
RISE AND FALL TIMES
≤ 10ns
VO
VI
USE RL TO GND FOR TURN-OFF MEASUREMENT
FOR SETTLING TIME
MEASUREMENT.
(ALL BIT SWITCHED
LOW TO HIGH)
1.4V
Figure 8. Propagation Delay Time
4
5
6
7
8
9
10
11
12
13
14
1
16
15
3
2
1k
1k
50
+2VDC
20
VCC
VEE
RL
VO
MC3410
VI
0.1
µF
0.1
µF
0.1
µF
2.4V
0.4V
–80mV
0V
tPLH
TO
± 1/2 LSB
RISE AND FALL TIMES
≤ 10ns
VO
VI
tPHL
FOR PROPAGATION
DELAY TIME


Similar Part No. - MC3410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
More results

Similar Description - MC3410

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com