Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5731-EVS Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI5731-EVS
Description  12-Bit, 100MSPS, High Speed D/A Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5731-EVS Datasheet(HTML) 4 Page - Intersil Corporation

  HI5731-EVS Datasheet HTML 1Page - Intersil Corporation HI5731-EVS Datasheet HTML 2Page - Intersil Corporation HI5731-EVS Datasheet HTML 3Page - Intersil Corporation HI5731-EVS Datasheet HTML 4Page - Intersil Corporation HI5731-EVS Datasheet HTML 5Page - Intersil Corporation HI5731-EVS Datasheet HTML 6Page - Intersil Corporation HI5731-EVS Datasheet HTML 7Page - Intersil Corporation HI5731-EVS Datasheet HTML 8Page - Intersil Corporation HI5731-EVS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Spurious Free Dynamic Range to Nyquist
(Note 3)
fCLK = 40MSPS, fOUT = 2.02MHz, 20MHz Span
-
70
-
dBc
fCLK = 80MSPS, fOUT = 2.02MHz, 40MHz Span
-
70
-
dBc
fCLK = 100MSPS, fOUT = 2.02MHz, 50MHz Span
-
69
-
dBc
REFERENCE/CONTROL AMPLIFIER
Internal Reference Voltage, VREF
(Note 4)
-1.27
-1.23
-1.17
V
Internal Reference Voltage Drift
(Note 3)
-
175
-
µV/oC
Internal Reference Output Current Sink/Source
Capability
(Note 3)
-125
-
+50
µA
Internal Reference Load Regulation
IREF = 0 to IREF = -125µA-
50
-
µV
Input Impedance at REF OUT pin
(Note 3)
-
1.4
-
k
Amplifier Large Signal Bandwidth (0.6VP-P)
Sine Wave Input, to Slew Rate Limited (Note 3)
-
3
-
MHz
Amplifier Small Signal Bandwidth (0.1VP-P)
Sine Wave Input, to -3dB Loss (Note 3)
-
10
-
MHz
Reference Input Impedance
(Note 3)
-
12
-
k
Reference Input Multiplying Bandwidth (CTL IN)
RL = 50Ω, 100mV Sine Wave, to -3dB Loss at IOUT
(Note 3)
-
200
-
MHz
DIGITAL INPUTS (D9-D0, CLK, INVERT)
Input Logic High Voltage, VIH
(Note 4)
2.0
-
-
V
Input Logic Low Voltage, VIL
(Note 4)
-
-
0.8
V
Input Logic Current, IIH
(Note 4)
-
-
400
µA
Input Logic Current, IIL
(Note 4)
-
-
700
µA
Digital Input Capacitance, CIN
(Note 3)
-
3.0
-
pF
TIMING CHARACTERISTICS
Data Setup Time, tSU
See Figure 1 (Note 3)
3.0
2.0
-
ns
Data Hold Time, tHLD
See Figure 1 (Note 3)
0.5
0.25
-
ns
Propagation Delay Time, tPD
See Figure 1 (Note 3)
-
4.5
-
ns
CLK Pulse Width, tPW1, tPW2
See Figure 1 (Note 3)
3.0
-
-
ns
POWER SUPPLY CHARACTERISTICS
IEEA
(Note 4)
-
42
50
mA
IEED
(Note 4)
-
70
85
mA
ICCD
(Note 4)
-
13
20
mA
Power Dissipation
(Note 4)
-
650
-
mW
Power Supply Rejection Ratio
VCC ±5%, VEE ±5%
-
5
-
µA/V
NOTES:
2. Gain Error measured as the error in the ratio between the full scale output current and the current through RSET (typically 1.28mA). Ideally the
ratio should be 16.
3. Parameter guaranteed by design or characterization and not production tested.
4. All devices are 100% tested at 25oC.
5. Dynamic Range must be limited to a 1V swing within the compliance range.
Electrical Specifications
AVEE, DVEE = -4.94 to -5.46V, VCC = +4.75 to +5.25V, VREF = Internal
TA = 25
oC for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
HI5731BI
TA = -40
oC TO 85oC
UNITS
MIN
TYP
MAX
HI5731


Similar Part No. - HI5731-EVS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5731-EVS INTERSIL-HI5731-EVS Datasheet
370Kb / 15P
   12-Bit, 100 MSPS, High Speed D/A Converter
May 2000
More results

Similar Description - HI5731-EVS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5731BIPZ INTERSIL-HI5731BIPZ Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
October 2, 2015
logo
Renesas Technology Corp
HI5731 RENESAS-HI5731 Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5741 INTERSIL-HI5741_06 Datasheet
353Kb / 13P
   14-Bit, 100MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5741 RENESAS-HI5741 Datasheet
771Kb / 13P
   14-Bit, 100MSPS, High Speed D/A Converter
logo
Analog Devices
AD9712 AD-AD9712 Datasheet
2Mb / 8P
   12-BIT, 100MSPS D/A CONVERTERS
REV. A
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
Analog Devices
HAS-1204 AD-HAS-1204_15 Datasheet
947Kb / 4P
   ULTRA HIGH SPEED 12 BIT A/D CONVERTER
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_05 Datasheet
621Kb / 10P
   12-Bit, 130MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com