Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC2101 Datasheet(PDF) 5 Page - SMSC Corporation

Part # EMC2101
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101 Datasheet(HTML) 5 Page - SMSC Corporation

  EMC2101 Datasheet HTML 1Page - SMSC Corporation EMC2101 Datasheet HTML 2Page - SMSC Corporation EMC2101 Datasheet HTML 3Page - SMSC Corporation EMC2101 Datasheet HTML 4Page - SMSC Corporation EMC2101 Datasheet HTML 5Page - SMSC Corporation EMC2101 Datasheet HTML 6Page - SMSC Corporation EMC2101 Datasheet HTML 7Page - SMSC Corporation EMC2101 Datasheet HTML 8Page - SMSC Corporation EMC2101 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
5
Revision 2.53 (03-13-07)
DATASHEET
List of Figures
Figure 2.1 EMC2101 Pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.1 SMBus Timing Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 5.1 System Diagram for EMC2101 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 5.2 System Diagram for EMC2101-R. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 5.3 Block Diagram of Temperature Monitoring Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 5.4 External Diode configurations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 5.5 Temperature Filter Step Response . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 5.6 Temperature Filter Impulse Response. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 5.7 Fan Control Look-Up Table Example. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 5.8 Example Fault Queue Response . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 9.1 8 PIN MSOP / TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 9.2 8 PIN SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55


Similar Part No. - EMC2101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC2101 MICROCHIP-EMC2101 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
EMC2101 MICROCHIP-EMC2101 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC2101-ACZL-TR SMSC-EMC2101-ACZL-TR Datasheet
1Mb / 57P
   SMBus Fan Control with 1째C Accurate Temperature Monitoring
EMC2101-ACZT-TR SMSC-EMC2101-ACZT-TR Datasheet
1Mb / 57P
   SMBus Fan Control with 1째C Accurate Temperature Monitoring
EMC2101-R-ACZL-TR SMSC-EMC2101-R-ACZL-TR Datasheet
1Mb / 57P
   SMBus Fan Control with 1째C Accurate Temperature Monitoring
More results

Similar Description - EMC2101

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2101 SMSC-EMC2101_09 Datasheet
1Mb / 57P
   SMBus Fan Control with 1째C Accurate Temperature Monitoring
logo
Maxim Integrated Produc...
MAX6654 MAXIM-MAX6654 Datasheet
222Kb / 16P
   1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
logo
SMSC Corporation
EMCT03 SMSC-EMCT03_05 Datasheet
385Kb / 16P
   1째C Triple SMBus Temperature Sensor
logo
Analog Devices
ADT75 AD-ADT75 Datasheet
387Kb / 24P
   -1째C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
logo
SMSC Corporation
EMC1033 SMSC-EMC1033_08 Datasheet
226Kb / 24P
   1째C Triple SMBus Sensor
EMC1002 SMSC-EMC1002_07 Datasheet
347Kb / 21P
   1째C Dual SMBus Sensor
EMC6W201DB SMSC-EMC6W201DB Datasheet
406Kb / 5P
   Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-Processor Systems
logo
National Semiconductor ...
LM63 NSC-LM63 Datasheet
339Kb / 28P
   짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
SMSC Corporation
EMC6W201 SMSC-EMC6W201 Datasheet
405Kb / 5P
   Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-Processor Systems
logo
Maxim Integrated Produc...
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
   2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com