Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS1-2400RH-Q Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS1-2400RH-Q
Description  Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-2400RH-Q Datasheet(HTML) 2 Page - Intersil Corporation

  HS1-2400RH-Q Datasheet HTML 1Page - Intersil Corporation HS1-2400RH-Q Datasheet HTML 2Page - Intersil Corporation HS1-2400RH-Q Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Burn-In Circuit
HS-2400RH CERDIP
Irradiation Circuit
Test Waveforms
SLEW RATE WAVEFORMS
OVERSHOOT, RISE AND FALL TIME WAVEFORMS
INPUT
+SR
+5.0V
-5.0V
-5.0V
+5.0V
-SR
OUTPUT
+5.0V
-5.0V
-5.0V
+5.0V
∆T
∆T
∆T
SR =
∆T
∆V
∆V
INPUT
tR, +OS
+200mV
0V
-200mV
0V
tF, -OS
OUTPUT
VPEAK
0V
-200mV
0V
tR
90%
10%
VFINAL = +200mV
10%
tF
VPEAK
90%
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
3
OUTPUT AMP
ENABLE
D0
D1
GND
COMP
OUT
V-
2
DECODE
CONTROL
-
+
1
-
+
4
+
-
3
+
-
V+
D2
C2
V-
V+
D1
C1
C3
f2
f1
f0
R1
NOTES:
1. R1 = 100k
Ω,/Socket, 5%, 1/4W (Min).
2. C1 = C2 = 0.01
µF/Socket (Min) or 0.1µF/Row (Min).
3. C3 = 0.001
µF/Socket, 10%.
4. D1 = D2 = 1N4002 or equivalent (per board).
5. |(V+) - (V-)| = 30V.
6. Duty Cycle 50% for: f0 = 100kHz, f1 = 50kHz, f2 = 25kHz
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
GND
C
V1
R
GND
R
R
GND
C
V2
NOTES:
7. V1 = +15V.
8. V2 = -15V.
9. R = 1 Meg
Ω.
10. C = 0.1
µF.
HS-2400RH


Similar Part No. - HS1-2400RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-2400RH-Q INTERSIL-HS1-2400RH-Q Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
More results

Similar Description - HS1-2400RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
   Low Power, Radiation Hardened Programmable Operational Amplifier
HA-2400 INTERSIL-HA-2400 Datasheet
86Kb / 7P
   40MHz, PRAM Four Channel Programmable Amplifiers
November 1996
HA-2404 INTERSIL-HA-2404 Datasheet
304Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
logo
Renesas Technology Corp
HA-2404 RENESAS-HA-2404 Datasheet
546Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
August 2003
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
logo
Intersil Corporation
HS-2510RH INTERSIL-HS-2510RH Datasheet
86Kb / 7P
   Radiation Hardened High Slew Rate Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
logo
Renesas Technology Corp
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com