Part Name
         Description
HIP2100_04

 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver ( 12 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 3 page
background image
3
FN4022.13
Functional Block Diagram
UNDER
VOLTAGE
VDD
HI
LI
VSS
DRIVER
DRIVER
HB
HO
HS
LO
LEVEL SHIFT
UNDER
VOLTAGE
EPAD (EPSOIC, QFN and DFN PACKAGES ONLY)
*EPAD = Exposed Pad. The EPAD is electrically isolated from all other pins. For
best thermal performance connect the EPAD to the PCB power ground plane.
SECONDARY
HIP2100
ISOLATION
PWM
+48V
+12V
CIRCUIT
FIGURE 1. TWO-SWITCH FORWARD CONVERTER
SECONDARY
CIRCUIT
HIP2100
ISOLATION
PWM
+48V
+12V
FIGURE 2. FORWARD CONVERTER WITH AN ACTIVE CLAMP
HIP2100



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HIP4080_0380V/2.5A Peak High Frequency Full Bridge FET Driver 1 2 3 4 5 MoreIntersil Corporation
HIP4080A_0480V/2.5A Peak High Frequency Full Bridge FET Driver 1 2 3 4 5 MoreIntersil Corporation
HIP4081A_0480V/2.5A Peak High Frequency Full Bridge FET Driver 1 2 3 4 5 MoreIntersil Corporation
UCC27200120-V Boot 3-A Peak High Frequency High-Side/Low-Side Driver 1 2 3 4 5 MoreTexas Instruments
ADA4310Low Cost Dual High Current Output Line Driver with Shutdown 1 2 3 4 5 MoreAnalog Devices
L6571A_0009HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
AD8131_05Low Cost High Speed Differential Driver 1 2 3 4 5 MoreAnalog Devices
AD8132_06Low Cost High Speed Differential Amplifier 1 2 3 4 5 MoreAnalog Devices
NCP5181High Voltage High and Low Side Driver 1 2 3 4 5 MoreON Semiconductor
AN44A high power LED driver for low voltage halogen replacement 1 2 3 4 5 MoreZetex Semiconductors

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl