Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5805EVAL1 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI5805EVAL1
Description  12-Bit, 5MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5805EVAL1 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI5805EVAL1 Datasheet HTML 4Page - Intersil Corporation HI5805EVAL1 Datasheet HTML 5Page - Intersil Corporation HI5805EVAL1 Datasheet HTML 6Page - Intersil Corporation HI5805EVAL1 Datasheet HTML 7Page - Intersil Corporation HI5805EVAL1 Datasheet HTML 8Page - Intersil Corporation HI5805EVAL1 Datasheet HTML 9Page - Intersil Corporation HI5805EVAL1 Datasheet HTML 10Page - Intersil Corporation HI5805EVAL1 Datasheet HTML 11Page - Intersil Corporation HI5805EVAL1 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Dynamic Performance Definitions
Fast Fourier Transform (FFT) techniques are used to
evaluate the dynamic performance of the HI5805. A low
distortion sine wave is applied to the input, it is coherently
sampled, and the output is stored in RAM. The data is then
transformed into the frequency domain with an FFT and
analyzed to evaluate the dynamic performance of the A/D.
The sine wave input to the part is -0.5dB down from full scale
for all these tests. SNR and SINAD are quoted in dB. The
distortion numbers are quoted in dBc (decibels with respect
to carrier) and DO NOT include any correction factors for
normalizing to full scale.
Signal-to-Noise Ratio (SNR)
SNR is the measured RMS signal to RMS noise at a
specified input and sampling frequency. The noise is the
RMS sum of all of the spectral components except the
fundamental and the first five harmonics.
Signal-to-Noise + Distortion Ratio (SINAD)
SINAD is the measured RMS signal to RMS sum of all
other spectral components below the Nyquist frequency,
fS/2, excluding DC.
Effective Number Of Bits (ENOB)
The effective number of bits (ENOB) is calculated from the
SINAD data by:
where: VCORR = 0.5dB.
VCORR adjusts the ENOB for the amount the input is below
fullscale.
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the first 5 harmonic
components to the RMS value of the fundamental input
signal.
2nd and 3rd Harmonic Distortion
This is the ratio of the RMS value of the applicable
harmonic component to the RMS value of the fundamental
input signal.
Spurious Free Dynamic Range (SFDR)
SFDR is the ratio of the fundamental RMS amplitude to the
RMS amplitude of the next largest spur or spectral
component in the spectrum below fS/2.
Intermodulation Distortion (IMD)
Nonlinearities in the signal path will tend to generate
intermodulation products when two tones, f1 and f2, are
present at the inputs. The ratio of the measured signal to
the distortion terms is calculated. The terms included in the
calculation are (f1 + f2), (f1 - f2), (2f1), (2f2), (2f1 + f2),
(2f1 - f2), (f1 + 2f2), (f1 - 2f2). The ADC is tested with each
tone 6dB below full scale.
ENOB = SINAD + V
CORR -1.76
()/6.02,
HI5805


Similar Part No. - HI5805EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5805EVAL1 INTERSIL-HI5805EVAL1 Datasheet
113Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5805EVAL1 RENESAS-HI5805EVAL1 Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
More results

Similar Description - HI5805EVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5805 RENESAS-HI5805 Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Intersil Corporation
HI5805 INTERSIL-HI5805 Datasheet
113Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
logo
Intersil Corporation
HI5905 INTERSIL-HI5905_03 Datasheet
581Kb / 11P
   14-Bit, 5MSPS A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
   12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
   12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
logo
Analog Devices
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
   12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com