Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA4600CP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA4600CP
Description  480MHz, SOT-23, Video Buffer with Output Disable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4600CP Datasheet(HTML) 1 Page - Intersil Corporation

  HA4600CP Datasheet HTML 1Page - Intersil Corporation HA4600CP Datasheet HTML 2Page - Intersil Corporation HA4600CP Datasheet HTML 3Page - Intersil Corporation HA4600CP Datasheet HTML 4Page - Intersil Corporation HA4600CP Datasheet HTML 5Page - Intersil Corporation HA4600CP Datasheet HTML 6Page - Intersil Corporation HA4600CP Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
HA4600
480MHz, SOT-23, Video Buffer with Output
Disable
The HA4600 is a very wide bandwidth, unity gain buffer ideal
for professional video switching, HDTV, computer monitor
routing, and other high performance applications. The circuit
features very low power dissipation (105mW Enabled, 1mW
Disabled), excellent differential gain and phase, and very
high off isolation. When disabled, the output is switched to a
high impedance state, making the HA4600 ideal for routing
matrix equipment and video multiplexers.
The HA4600 also features fast switching and symmetric
slew rates. A typical application for the HA4600 is interfacing
Intersil’s wide range of video crosspoint switches.
For applications requiring a tally output (enable indicator),
please refer to the HA4201 data sheet.
Pinouts
HA4600
(PDIP, SOIC)
TOP VIEW
HA4600
(SOT-23)
TOP VIEW
Features
• Micro Package Available . . . . . . . . . . . . . . . . . . . SOT-23
• Low Power Dissipation. . . . . . . . . . . . . . . . . . . . . 105mW
• Symmetrical Slew Rates . . . . . . . . . . . . . . . . . . 1700V/
µs
• 0.1dB Gain Flatness. . . . . . . . . . . . . . . . . . . . . . . 250MHz
• Off Isolation (100MHz) . . . . . . . . . . . . . . . . . . . . . . . 85dB
• Differential Gain and Phase . . . . . . . 0.01%/0.01 Degrees
• High ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . >1800V
• TTL Compatible Enable Input
• Improved Replacement for GB4600
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Professional Video Switching and Routing
• Video Multiplexers
• HDTV
• Computer Graphics
• RF Switching and Routing
• PCM Data Routing
Truth Table
EN
OUT
0
High Z
1Active
EN
V-
V+
OUT
1
2
3
4
8
7
6
5
GND
IN
NC
NC
V+
V-
OUT
IN
GND
EN
1
2
3
6
5
4
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
HA4600CP
HA4600CP
0 to 70
8 Ld PDIP
E8.3
HA4600CPZ
(Note)
HA4600CPZ
0 to 70
8 Ld PDIP*
(Pb-free)
E8.3
HA4600CB
4600CB
0 to 70
8 Ld SOIC
M8.15
HA4600CB96
4600CB
0 to 70
8 Ld SOIC Tape
and Reel
M8.15
HA4600CBZ
(Note)
4600CBZ
0 to 70
8 Ld SOIC
(Pb-free)
M8.15
HA4600CBZ96
(Note)
4600CBZ
0 to 70
8 Ld SOIC Tape
and Reel (Pb-free)
M8.15
HA4600CH96
46
0 to 70
6 Ld SOT-23 Tape
and Reel
P6.064
HA4600CHZ96
(Note)
46Z
0 to 70
6 Ld SOT-23 Tape
and Reel (Pb-free)
P6.064
*Pb-free PDIPs can be used for through hole wave solder processing only.
They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
December 22, 2005
FN3990.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2000, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HA4600CP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4600CP INTERSIL-HA4600CP Datasheet
82Kb / 7P
   480MHz, SOT-23, Video Buffer with Output Disable
June 2000
HA4600CPZ INTERSIL-HA4600CPZ Datasheet
245Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
October 2, 2015
logo
Renesas Technology Corp
HA4600CPZ RENESAS-HA4600CPZ Datasheet
429Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
More results

Similar Description - HA4600CP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4600CPZ INTERSIL-HA4600CPZ Datasheet
245Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
October 2, 2015
HA4600 INTERSIL-HA4600 Datasheet
82Kb / 7P
   480MHz, SOT-23, Video Buffer with Output Disable
June 2000
logo
Renesas Technology Corp
HA4600 RENESAS-HA4600 Datasheet
429Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
HA4201 RENESAS-HA4201 Datasheet
440Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
logo
Intersil Corporation
HA4201 INTERSIL-HA4201_06 Datasheet
346Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com