Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5714 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI5714
Description  8-Bit, 40/60/75/80 MSPS A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5714 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI5714 Datasheet HTML 2Page - Intersil Corporation HI5714 Datasheet HTML 3Page - Intersil Corporation HI5714 Datasheet HTML 4Page - Intersil Corporation HI5714 Datasheet HTML 5Page - Intersil Corporation HI5714 Datasheet HTML 6Page - Intersil Corporation HI5714 Datasheet HTML 7Page - Intersil Corporation HI5714 Datasheet HTML 8Page - Intersil Corporation HI5714 Datasheet HTML 9Page - Intersil Corporation HI5714 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Timing Waveforms
FIGURE 1. INPUT-TO-OUTPUT TIMING
FIGURE 2. THREE-STATE TIMING CIRCUIT
ANALOG
INPUT
CLOCK
INPUT
DATA (D0-D7)
OUTPUTS
tD
tDS
tHD
2.4V
1.4V
0.4V
1.4V
tCPL
tCPH
SAMPLE N
SAMPLE N + 1
SAMPLE N + 2
DN - 2
DN - 1
DN + 1
DN
OE
DIGITAL
OUTPUT
DIGITAL
OUTPUT
tPZL
tPZH
tPLZ
tPHZ
1.4V
1.4V
0V
0V
VOH
VOL
0.3V
0.3V
3.5V
INPUT
4V
HI5714


Similar Part No. - HI5714

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
   8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Intersil Corporation
HI5714/4CB INTERSIL-HI5714/4CB Datasheet
114Kb / 13P
   8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
logo
Renesas Technology Corp
HI5714/4CB RENESAS-HI5714/4CB Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
HI5714/4CBZ RENESAS-HI5714/4CBZ Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results

Similar Description - HI5714

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
   8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com