Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5830 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N5830
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5830 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N5830 Datasheet HTML 1Page - Fairchild Semiconductor 2N5830 Datasheet HTML 2Page - Fairchild Semiconductor 2N5830 Datasheet HTML 3Page - Fairchild Semiconductor 2N5830 Datasheet HTML 4Page - Fairchild Semiconductor 2N5830 Datasheet HTML 5Page - Fairchild Semiconductor 2N5830 Datasheet HTML 6Page - Fairchild Semiconductor 2N5830 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 1.0 mA, IB = 0
100
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
5.0
V
ICBO
Collector Cutoff Current
VCB = 100 V, IE = 0
VCB = 100 V, IE = 0, TA = 100
°C
50
25
nA
µA
IEBO
Emitter Cutoff Current
VEB = 4.0 V, IC = 0
50
nA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 5.0 V, IC = 1.0 mA
VCE = 5.0 V, IC = 10 mA
VCE = 5.0 V, IC = 50 mA
60
80
80
500
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1.0 mA, IB = 0.1 mA
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.15
0.2
0.25
V
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 1.0 mA, IB = 0.1 mA
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.8
1.0
1.0
V
V
V
VBE(on)
Base-Emitter On Voltage
VCE = 5.0 V, IC = 1.0 mA
0.8
V
SMALL SIGNAL CHARACTERISTICS
Ccb
Output Capacitance
VCB = 10 V, f = 1.0 MHz
4.0
pF
hfe
Small-Signal Current Gain
IC = 10 mA, VCE = 10 V,
f = 100 MHz
1.0
5.0
hie
Input Impedance
IC = 1.0 mA, VCE = 10 V,
6.0
K
hoe
Output Admittance
f = 1.0 kHz
40
µmho
hfe
Small-Signal Current Gain
60
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%


Similar Part No. - 2N5830

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5830 FAIRCHILD-2N5830 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
logo
Micro Electronics
2N5830 MICRO-ELECTRONICS-2N5830 Datasheet
50Kb / 1P
   NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5830 NJSEMI-2N5830 Datasheet
193Kb / 2P
   NPN SMALL SIGNAL HIGH VOLTAGE GENERAL PURPOSE AMPLIFIERS
More results

Similar Description - 2N5830

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com