Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5721-EVP Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI5721-EVP
Description  10-Bit, 125MSPS, High Speed D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5721-EVP Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI5721-EVP Datasheet HTML 4Page - Intersil Corporation HI5721-EVP Datasheet HTML 5Page - Intersil Corporation HI5721-EVP Datasheet HTML 6Page - Intersil Corporation HI5721-EVP Datasheet HTML 7Page - Intersil Corporation HI5721-EVP Datasheet HTML 8Page - Intersil Corporation HI5721-EVP Datasheet HTML 9Page - Intersil Corporation HI5721-EVP Datasheet HTML 10Page - Intersil Corporation HI5721-EVP Datasheet HTML 11Page - Intersil Corporation HI5721-EVP Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FIGURE 10. SPURIOUS FREE DYNAMIC RANGE
(
±1MHz WINDOW) vs FREQUENCY
FIGURE 11. SIGNAL TO NOISE RATIO vs OUTPUT FREQUENCY
FIGURE 12. SIGNAL TO NOISE + DISTORTION vs OUTPUT
FREQUENCY
FIGURE 13. TOTAL HARMONIC DISTORTION vs OUTPUT
FREQUENCY
FIGURE 14. GAIN ERROR vs TEMPERATURE
FIGURE 15. OFFSET ERROR vs TEMPERATURE
Typical Performance Curves (Continued)
fOUT (MHz)
78
65
fCLK = 125 MSPS
fCLK = 100 MSPS
77
76
75
74
73
72
71
70
69
68
67
66
224
10
12
4
6
14
16
20
826
18
22
fOUT (MHz)
58
57
56
55
54
53
52
51
50
49
48
224
10
12
4
6
14
16
20
826
fCLK = 125 MSPS
fCLK = 100 MSPS
47
18
22
fOUT (MHz)
56
55
54
53
52
51
50
49
48
47
46
45
44
fCLK = 125 MSPS
fCLK = 100 MSPS
224
10
12
4
6
14
16
20
826
18
22
fOUT (MHz)
58
57
56
55
54
53
52
51
50
49
48
fCLK = 125 MSPS
fCLK = 100 MSPS
224
10
12
4
6
14
16
20
826
18
22
TEMPERATURE (oC)
-2.5
-2.6
-2.7
-2.8
-2.9
-3.0
-3.1
-3.2
-3.3
-3.4
-3.5
-3.6
-3.7
-3.8
-40
-20
0
20406080
100
TEMPERATURE (oC)
40
50
60
70
80
90
30
20
10
0
-10
-20
-30
-40
-50
56
54
52
50
48
46
44
42
40
38
36
34
32
30
HI5721


Similar Part No. - HI5721-EVP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5721-EVP INTERSIL-HI5721-EVP Datasheet
205Kb / 14P
   10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
More results

Similar Description - HI5721-EVP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com