Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1145 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HFA1145
Description  330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1145 Datasheet(HTML) 5 Page - Intersil Corporation

  HFA1145 Datasheet HTML 1Page - Intersil Corporation HFA1145 Datasheet HTML 2Page - Intersil Corporation HFA1145 Datasheet HTML 3Page - Intersil Corporation HFA1145 Datasheet HTML 4Page - Intersil Corporation HFA1145 Datasheet HTML 5Page - Intersil Corporation HFA1145 Datasheet HTML 6Page - Intersil Corporation HFA1145 Datasheet HTML 7Page - Intersil Corporation HFA1145 Datasheet HTML 8Page - Intersil Corporation HFA1145 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN3955.5
June 1, 2006
Application Information
Optimum Feedback Resistor
Although a current feedback amplifier’s bandwidth
dependency on closed loop gain isn’t as severe as that of a
voltage feedback amplifier, there can be an appreciable
decrease in bandwidth at higher gains. This decrease may be
minimized by taking advantage of the current feedback
amplifier’s unique relationship between bandwidth and RF. All
current feedback amplifiers require a feedback resistor, even
for unity gain applications, and RF, in conjunction with the
internal compensation capacitor, sets the dominant pole of the
frequency response. Thus, the amplifier’s bandwidth is
inversely proportional to RF. The HFA1145 design is optimized
for RF = 510Ω at a gain of +2. Decreasing RF decreases
stability, resulting in excessive peaking and overshoot (Note:
Capacitive feedback will cause the same problems due to the
feedback impedance decrease at higher frequencies). At
higher gains, however, the amplifier is more stable so RF can
be decreased in a trade-off of stability for bandwidth.
The table below lists recommended RF values for various
gains, and the expected bandwidth. For a gain of +1, a
resistor (+RS) in series with +IN is required to reduce gain
peaking and increase stability.
Non-inverting Input Source Impedance
For best operation, the DC source impedance seen by the
non-inverting input should be
≥50Ω. This is especially
important in inverting gain configurations where the non-
inverting input would normally be connected directly to GND.
DISABLE Input TTL Compatibility
The HFA1145 derives an internal GND reference for the
digital circuitry as long as the power supplies are
symmetrical about GND. With symmetrical supplies the
digital switching threshold (VTH = (VIH + VIL)/2 = (2.0 +
0.8)/2) is 1.4V, which ensures the TTL compatibility of the
DISABLE input. If asymmetrical supplies (e.g. +10V, 0V) are
utilized, the switching threshold becomes:
and the VIH and VIL levels will be VTH ± 0.6V, respectively.
DISABLE Input Logic High Current
VDISABLE = 5V
A
Full
-
1
15
μA
Output Disable Time (Note 6)
VIN = ±1V,
VDISABLE = 2.4V to 0V
B25
-
35
-
ns
Output Enable Time (Note 6)
VIN = ±1V,
VDISABLE = 0V to 2.4V
B
25
-
180
-
ns
Disabled Output Capacitance
VDISABLE = 0V
B
25
-
2.5
-
pF
Disabled Output Leakage
VDISABLE = 0V, VIN = 2V,
VOUT = ±3V
AFull
-
3
10
μA
Off Isolation
(VDISABLE = 0V, VIN = 1VP-P, Note 6)
At 5MHz
B
25
-
-75
-
dB
At 25MHz
B
25
-
-60
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
C
25
±4.5
-
±5.5
V
Power Supply Current (Note 6)
A
25
-
5.8
6.1
mA
A
Full
-
5.9
6.3
mA
NOTES:
3. Test Level: A. Production Tested; B. Typical or Guaranteed Limit Based on Characterization; C. Design Typical for Information Only.
4. Undershoot dominates for output signal swings below GND (e.g. 0.5VP-P), yielding a higher overshoot limit compared to the VOUT = 0 to 0.5V
condition. See the “Application Information” section for details.
5. Slew rates are asymmetrical if the output swings below GND (e.g. a bipolar signal). Positive unipolar output signals have symmetric positive and
negative slew rates comparable to the +SR specification. See the “Application Information” section, and the pulse response graphs for details.
6. See Typical Performance Curves for more information.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP. (°C)
MIN
TYP
MAX
UNITS
GAIN
(ACL)
RF (Ω)
BANDWIDTH
(MHz)
-1
425
300
+1
510 (+RS = 510Ω)
270
+2
510
330
+5
200
300
+10
180
130
V
TH
V+
V-
+
2
-------------------
1.4V
+
=
HFA1145


Similar Part No. - HFA1145

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1145/883 INTERSIL-HFA1145/883 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
logo
Renesas Technology Corp
HFA1145IB RENESAS-HFA1145IB Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HFA1145IBZ RENESAS-HFA1145IBZ Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
More results

Similar Description - HFA1145

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105 INTERSIL-HFA1105_06 Datasheet
304Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
logo
Renesas Technology Corp
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245 Datasheet
248Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
February 1999
HFA1245 INTERSIL-HFA1245_04 Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com