Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA4201 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA4201
Description  480MHz, 1x1 Video Crosspoint Switch with Tally Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4201 Datasheet(HTML) 8 Page - Intersil Corporation

  HA4201_06 Datasheet HTML 1Page - Intersil Corporation HA4201_06 Datasheet HTML 2Page - Intersil Corporation HA4201_06 Datasheet HTML 3Page - Intersil Corporation HA4201_06 Datasheet HTML 4Page - Intersil Corporation HA4201_06 Datasheet HTML 5Page - Intersil Corporation HA4201_06 Datasheet HTML 6Page - Intersil Corporation HA4201_06 Datasheet HTML 7Page - Intersil Corporation HA4201_06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN3680.6
March 8, 2007
HA4201
Small Outline Plastic Packages (SOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45°
C
H
0.25(0.010)
B
M
M
α
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.1890
0.1968
4.80
5.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N8
8
7
α
-
Rev. 1 6/05


Similar Part No. - HA4201_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4201CB INTERSIL-HA4201CB Datasheet
79Kb / 7P
   480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4201CB96 INTERSIL-HA4201CB96 Datasheet
79Kb / 7P
   480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
logo
Renesas Technology Corp
HA4201CB96 RENESAS-HA4201CB96 Datasheet
440Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
HA4201CBZ96 RENESAS-HA4201CBZ96 Datasheet
440Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
More results

Similar Description - HA4201_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA4201 RENESAS-HA4201 Datasheet
440Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
logo
Intersil Corporation
HA4201 INTERSIL-HA4201 Datasheet
79Kb / 7P
   480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
logo
Gennum Corporation
GX4201 GENNUM-GX4201 Datasheet
156Kb / 6P
   Wideband, Monolithic 1x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4404B RENESAS-HA4404B Datasheet
531Kb / 9P
   330MHz, 4 x 1 Video Crosspoint Switch With Tally Outputs
logo
Intersil Corporation
HA4404B INTERSIL-HA4404B Datasheet
95Kb / 9P
   330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
July 1998
HA4404B INTERSIL-HA4404B_03 Datasheet
282Kb / 9P
   330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
HA4244 INTERSIL-HA4244 Datasheet
145Kb / 6P
   480MHz, 1 x 1 Video Crosspoint Switch with Synchronous Enable
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com