Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5457 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2N5457
Description  N-Channel General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5457 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N5457 Datasheet HTML 1Page - Fairchild Semiconductor 2N5457 Datasheet HTML 2Page - Fairchild Semiconductor 2N5457 Datasheet HTML 3Page - Fairchild Semiconductor 2N5457 Datasheet HTML 4Page - Fairchild Semiconductor 2N5457 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
G
D
S
2N5457
2N5458
2N5459
MMBF5457
MMBF5458
MMBF5459
N-Channel General Purpose Amplifier
This device is a low level audio amplifier and switching transistors,
and can be used for analog switching applications. Sourced from
Process 55.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VDG
Drain-Gate Voltage
25
V
VGS
Gate-Source Voltage
- 25
V
IGF
Forward Gate Current
10
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
TA = 25°C unless otherwise noted
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
G
S
D
TO-92
SOT-23
Mark: 6D / 61S / 6L
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
1997 Fairchild Semiconductor Corporation
NOTE: Source & Drain
are interchangeable
Symbol
Characteristic
Max
Units
2N5457-5459
*MMBF5457-5459
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
125
°C/W
RθJA
Thermal Resistance, Junction to Ambient
357
556
°C/W


Similar Part No. - 2N5457

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5457 FAIRCHILD-2N5457 Datasheet
105Kb / 4P
   N-Channel General Purpose Amplifier
logo
Motorola, Inc
2N5457 MOTOROLA-2N5457 Datasheet
59Kb / 3P
   N - Channel - Depletion
logo
Calogic, LLC
2N5457 CALOGIC-2N5457 Datasheet
17Kb / 1P
   N-Channel JFET General Purpose Amplifier/Switch
logo
List of Unclassifed Man...
2N5457 ETC1-2N5457 Datasheet
39Kb / 1P
   N-Channel JFETs
logo
Central Semiconductor C...
2N5457 CENTRAL-2N5457 Datasheet
58Kb / 1P
   Junction FETs Low Frequency/ Low Noise
More results

Similar Description - 2N5457

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J201 FAIRCHILD-J201 Datasheet
851Kb / 13P
   N-Channel General Purpose Amplifier
TIS75 FAIRCHILD-TIS75 Datasheet
27Kb / 4P
   N-Channel General Purpose Amplifier
logo
New Jersey Semi-Conduct...
TIS75 NJSEMI-TIS75 Datasheet
73Kb / 2P
   N-Channel General Purpose Amplifier
logo
Fairchild Semiconductor
PN4302 FAIRCHILD-PN4302 Datasheet
27Kb / 3P
   N-Channel General Purpose Amplifier
2N5457 FAIRCHILD-2N5457 Datasheet
105Kb / 4P
   N-Channel General Purpose Amplifier
PN4303 FAIRCHILD-PN4303 Datasheet
27Kb / 3P
   N-Channel General Purpose Amplifier
J201 FAIRCHILD-J201_08 Datasheet
783Kb / 8P
   N-Channel General Purpose Amplifier
TIS73 FAIRCHILD-TIS73 Datasheet
35Kb / 4P
   N-Channel General Purpose Amplifier
logo
Calogic, LLC
2N4117 CALOGIC-2N4117_15 Datasheet
33Kb / 1P
   N-Channel JFET General Purpose Amplifier
J201 CALOGIC-J201 Datasheet
20Kb / 1P
   N-Channel JFET General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com