Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM49PDL127AH Datasheet(PDF) 5 Page - SPANSION

Part # AM49PDL127AH
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM49PDL127AH Datasheet(HTML) 5 Page - SPANSION

  AM49PDL127AH Datasheet HTML 1Page - SPANSION AM49PDL127AH Datasheet HTML 2Page - SPANSION AM49PDL127AH Datasheet HTML 3Page - SPANSION AM49PDL127AH Datasheet HTML 4Page - SPANSION AM49PDL127AH Datasheet HTML 5Page - SPANSION AM49PDL127AH Datasheet HTML 6Page - SPANSION AM49PDL127AH Datasheet HTML 7Page - SPANSION AM49PDL127AH Datasheet HTML 8Page - SPANSION AM49PDL127AH Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
December 18, 2003
Am49PDL127AH/Am49PDL129AH
3
ADV ANCE
I N FO RMAT I O N
GENERAL DESCRIPTION (PDL129)
The Am29PDL129H is a 128 Mbit, 3.0 volt-only Page Mode
and Simultaneous Read/Write Flash memory device orga-
nized as 8 Mwords. The word-wide data (x16) appears on
DQ15-DQ0. This device can be programmed in-system or in
standard EPROM programmers. A 12.0 V VPP is not re-
quired for write or erase operations.
The device offers fast page access time of 25 and 30 ns,
with corresponding random access times of 65 and 70 ns,
respectively, allowing high speed microprocessors to oper-
ate without wait states. To eliminate bus contention the de-
vice has separate chip enable (CE#f1, CE#f2), write enable
(WE#) and output enable (OE#) controls. Dual Chip Enables
allow access to two 64 Mbit partitions of the 128 Mbit mem-
ory space.
Simultaneous Read/Write Operation with
Zero Latency
The Simultaneous Read/Write architecture provides simul-
taneous operation by dividing the memory space into 4
banks, which can be considered to be four separate memory
arrays as far as certain operations are concerned. The de-
vice can improve overall system performance by allowing a
host system to program or erase in one bank, then immedi-
ately and simultaneously read from another bank with zero
latency (with two simultaneous operations operating at any
one time). This releases the system from waiting for the
completion of a program or erase operation, greatly improv-
ing system performance.
The device can be organized in both top and bottom sector
configurations. The banks are organized as follows:
Page Mode Features
The page size is 8 words. After initial page access is accom-
plished, the page mode operation provides fast read access
speed of random locations within that page.
Standard Flash Memory Features
The device requires a single 3.0 volt power supply (2.7 V
to 3.3 V) for both read and write functions. Internally gener-
ated and regulated voltages are provided for the program
and erase operations.
The device is entirely command set compatible with the
JEDEC 42.4 single-power-supply Flash standard. Com-
mands are written to the command register using standard
microprocessor write timing. Register contents serve as in-
puts to an internal state-machine that controls the erase and
programming circuitry. Write cycles also internally latch ad-
dresses and data needed for the programming and erase
operations. Reading data out of the device is similar to read-
ing from other Flash or EPROM devices.
Device programming occurs by executing the program com-
mand sequence. The Unlock Bypass mode facilitates faster
programming times by requiring only two write cycles to pro-
gram data instead of four. Device erasure occurs by execut-
ing the erase command sequence.
The host system can detect whether a program or erase op-
eration is complete by reading the DQ7 (Data# Polling) and
DQ6 (toggle) status bits. After a program or erase cycle has
been completed, the device is ready to read array data or ac-
cept another command.
The sector erase architecture allows memory sectors to be
erased and reprogrammed without affecting the data con-
tents of other sectors. The device is fully erased when
shipped from the factory.
Hardware data protection measures include a low VCC de-
tector that automatically inhibits write operations during
power transitions. The hardware sector protection feature
disables both program and erase operations in any combina-
tion of sectors of memory. This can be achieved in-system or
via programming equipment.
The Erase Suspend/Erase Resume feature enables the
user to put erase on hold for any period of time to read data
from, or program data to, any sector that is not selected for
erasure. True background erase can thus be achieved. If a
read is needed from the SecSi Sector area (One Time Pro-
gram area) after an erase suspend, then the user must use
the proper command sequence to enter and exit this region.
The device offers two power-saving features. When ad-
dresses have been stable for a specified amount of time, the
device enters the automatic sleep mode. The system can
also place the device into the standby mode. Power con-
sumption is greatly reduced in both these modes.
AMD’s Flash technology combined years of Flash memory
manufacturing experience to produce the highest levels of
quality, reliability and cost effectiveness. The device electri-
cally erases all bits within a sector simultaneously via
Fowler-Nordheim tunneling. The data is programmed using
hot electron injection.
Chip Enable Configuration
CE#f1 Control
CE#f2 Control
Bank 1A
48 Mbit (32 Kw x 96)
Bank 2A
16 Mbit (4 Kw x 8 and 32 Kw x 31)
Bank 1B
16 Mbit (4 Kw x 8 and 32 Kw x 31)
Bank 2B
48 Mbit (32 Kw x 96)


Similar Part No. - AM49PDL127AH

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM49PDL127BH SPANSION-AM49PDL127BH Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
AM49PDL127BH66IS SPANSION-AM49PDL127BH66IS Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
AM49PDL127BH66IT SPANSION-AM49PDL127BH66IT Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
AM49PDL127BH85IS SPANSION-AM49PDL127BH85IS Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
AM49PDL127BH85IT SPANSION-AM49PDL127BH85IT Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
More results

Similar Description - AM49PDL127AH

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM49PDL640AG SPANSION-AM49PDL640AG Datasheet
954Kb / 69P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH SPANSION-AM49DL640AH Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM42DL640AH SPANSION-AM42DL640AH Datasheet
1,011Kb / 60P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM49PDL127BH SPANSION-AM49PDL127BH Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
logo
Advanced Micro Devices
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM42DL16X2D AMD-AM42DL16X2D Datasheet
2Mb / 128P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XD AMD-AM29DL16XD Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM42DL6402G SPANSION-AM42DL6402G Datasheet
927Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com