Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM42BDS6408HE9I Datasheet(PDF) 8 Page - SPANSION

Part # AM42BDS6408HE9I
Description  CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM42BDS6408HE9I Datasheet(HTML) 8 Page - SPANSION

Back Button AM42BDS6408HE9I Datasheet HTML 4Page - SPANSION AM42BDS6408HE9I Datasheet HTML 5Page - SPANSION AM42BDS6408HE9I Datasheet HTML 6Page - SPANSION AM42BDS6408HE9I Datasheet HTML 7Page - SPANSION AM42BDS6408HE9I Datasheet HTML 8Page - SPANSION AM42BDS6408HE9I Datasheet HTML 9Page - SPANSION AM42BDS6408HE9I Datasheet HTML 10Page - SPANSION AM42BDS6408HE9I Datasheet HTML 11Page - SPANSION AM42BDS6408HE9I Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
6
Am42BDS6408H
October 23, 2003
A D VA NCE
I N FO RM ATIO N
PRODUCT SELECTOR GUIDE
Note: Speed Options ending in “8” and “6” indicate the “reduced wait-state handshaking” option, which speeds initial
synchronous accesses for even addresses.
Speed Options ending in “9” and “7” indicate the “standard handshaking” option.
See the AC Characteristics section of this datasheet for full specifications.
Part Number
Am42BDS6408H
Burst Frequency
66 MHz
54 MHz
Speed Option
VCC, VIO = 1.65 1.95 V
E8, E9 E3, E4 D8, D9 D3, D4
Max Initial Synchronous Access Time, ns (TIACC)
Reduced Wait-state Handshaking; Even Address
56
56
69
69
Max Initial Synchronous Access Time, ns (TIACC)
Reduced Wait-state Handshaking; Odd Address; or Standard Handshaking
71
71
87.5
87.5
Max Burst Access Time, ns (TBACC)
11
13.5
Max Asynchronous Access Time, ns (TACC)
50
50
55
55
Max CE# Access Time, ns (TCE)
Max OE# Access Time, ns (TOE)
11
13.5
Max Access time, ns (tACC)
705570
55
Max CE# Access time, ns (tCE)
705570
55
Max OE# Access, ns (tOE)
352535
25


Similar Part No. - AM42BDS6408HE9I

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM42BDS640AG AMD-AM42BDS640AG Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
logo
SPANSION
AM42BDS640AGBC8IS SPANSION-AM42BDS640AGBC8IS Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM42BDS640AGBC8IS AMD-AM42BDS640AGBC8IS Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
logo
SPANSION
AM42BDS640AGBC8IT SPANSION-AM42BDS640AGBC8IT Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results

Similar Description - AM42BDS6408HE9I

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com