Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5400 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N5400
Description  PNP General Purpose Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5400 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N5400_01 Datasheet HTML 1Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 2Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 3Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 4Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 5Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 6Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 7Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 8Page - Fairchild Semiconductor 2N5400_01 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 1.0 mA, IB = 0
120
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
130
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
5.0
V
ICBO
Collector Cutoff Current
VCB = 100 V, IE = 0
VCB = 100 V, IE = 0, TA = 100
°C
100
100
nA
µA
IEBO
Emitter Cutoff Current
VEB = 3.0 V, IC = 0
50
nA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 5.0 V, IC = 1.0 mA
VCE = 5.0 V, IC = 10 mA
VCE = 5.0 V, IC = 50 mA
30
40
40
180
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.2
0.5
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
1.0
1.0
V
V
SMALL SIGNAL CHARACTERISTICS
Cob
Output Capacitance
VCB = 10 V, f = 1.0 MHz
6.0
pF
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 10 V,
f = 100 MHz
100
400
hfe
Small-Signal Current Gain
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
30
200
NF
Noise Figure
VCE = 5.0 V, IC = 250
µA,
RS = 1.0 k
Ω,
f = 10 Hz to 15.7 kHz
8.0
V
*Pulse Test: Pulse Width £ 300 ms, Duty Cycle £ 2.0%


Similar Part No. - 2N5400_01

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2N5400-TA DGNJDZ-2N5400-TA Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
ON Semiconductor
2N5400G ONSEMI-2N5400G Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
2N5400RLRP ONSEMI-2N5400RLRP Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
2N5400RLRPG ONSEMI-2N5400RLRPG Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
logo
KEC(Korea Electronics)
2N5400S KEC-2N5400S Datasheet
147Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
More results

Similar Description - 2N5400_01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com