Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1179JCQ Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI1179JCQ
Description  8-Bit, 35 MSPS, Video A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1179JCQ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI1179JCQ Datasheet HTML 7Page - Intersil Corporation HI1179JCQ Datasheet HTML 8Page - Intersil Corporation HI1179JCQ Datasheet HTML 9Page - Intersil Corporation HI1179JCQ Datasheet HTML 10Page - Intersil Corporation HI1179JCQ Datasheet HTML 11Page - Intersil Corporation HI1179JCQ Datasheet HTML 12Page - Intersil Corporation HI1179JCQ Datasheet HTML 13Page - Intersil Corporation HI1179JCQ Datasheet HTML 14Page - Intersil Corporation HI1179JCQ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Detailed Description
The HI1179 is a 2-step A/D converter featuring a 4-bit upper
comparator group and two lower comparator groups of 4 bits
each. The reference voltage can be obtained from the
onboard bias generator or be supplied externally. This IC
uses an offset canceling type comparator that operates syn-
chronously with an external clock. The operating modes of
the part are input sampling/autozero (S), hold (H), and
compare (C).
The operation of the part is illustrated in Figure 2. A refer-
ence voltage that is between VRT-VRB is constantly applied
to the upper 4-bit comparator group. VI(1) is sampled with
the falling edge of the first clock by the upper comparator
block. The lower block A also samples VI(1) on the same
edge. The upper comparator block finalizes comparison data
MD(1) with the rising edge of the first clock. Simultaneously
the reference supply generates a reference voltage RV(1)
that corresponds to the upper results and applies it to the
lower comparator block A. The lower comparator block final-
izes comparison data LD(1) with the rising edge of the sec-
ond clock. MD(1) and LD(1) are combined and output as
OUT(1) with the rising edge of the third clock. There is a 2.5
clock cycle delay from the analog input sampling point to the
corresponding digital output data. Notice how the lower com-
parator blocks A and B alternate generating the lower data in
order to increase the overall A/D sampling rate.
Power, Grounding, and Decoupling
Separate analog and digital grounds to reduce noise effects,
connecting them at a single point near the HI1179. Analog
and digital power should also be separated for optimum per-
formance. If a single 5V supply is used, isolate the analog
and digital power with an inductor or ferrite bead to minimize
the digital noise on the analog supply.
Bypass both the digital and analog VDD pins to their respec-
tive grounds with a ceramic 0.1
µF capacitor close to the pin.
Analog Input
The analog input capacitance is small when compared with
other flash type A/D converters. However, it is necessary to
drive the input with a low impedance source with sufficient
bandwidth and drive capability.
Op amps such as the HA-2544, the HA5020 and the
HFA1100 family should make excellent input amplifiers
depending on the applications requirements. In order to pre-
vent parasitic oscillation, it may be necessary to insert a
resistor between the output of the amplifier and the A/D
input.
The input can be AC or DC coupled. If AC coupled the input
will float to about 1/2(VRT + VRB). The other option is to use
the internal clamp, which will be discussed later. When DC
coupling the input be sure to disable the clamp function
(CLE, pin 29).
Reference Input
The HI1179 has an internal reference with the option to use
an external reference if more accuracy is desired.
The analog input range of the A/D is set by the voltage
between VRT and VRB. The internal reference can be used
by shorting VRT to VRTS and VRB to VRBS. The internal
bias generator will set VRT to about 2.6V and VRB to about
0.6V. The analog input range of the A/D will now be from
0.6V to 2.6V. The internal reference may be subjected to
power supply variations since the internal reference resistor
ladder is connected directly to VDD and VSS. Any supply
variations can be minimized by good decoupling of VRT and
VRB.
An external reference can be used for increased accuracy,
by connecting the reference voltage to VRT and VRB. If an
external reference is used, VRT should be keep below 2.8V
and (VRT - VRB) should be less than 2.8V and greater than
1.8V. If a VRB below +0.6V is used the linearity of the part
may degrade. An ICL8069 reference and a dual op amp,
with outputs connect to VRT and VRB , makes a good, low
cost external reference.
Bypass VRT and VRB to analog ground with a 0.1µF
capacitor when using either internal or external references.
Clamp Operation
The HI1179 provides a clamp (DC restore) option that allows
the user to clamp a portion of the analog input to a voltage
set by the VREF pin before the signal is digitized. The clamp
A/D OUTPUT CODE TABLE
INPUT SIGNAL
VOLTAGE
STEP
DIGITAL OUTPUT CODE
MSB
LSB
VRT
255
1111
1111
128
1000
0000
127
0111
1111
VRB
0
0000
0000
HI1179


Similar Part No. - HI1179JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1179JCQ INTERSIL-HI1179JCQ Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Renesas Technology Corp
HI1179JCQ RENESAS-HI1179JCQ Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results

Similar Description - HI1179JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Sony Corporation
CX20206 SONY-CX20206 Datasheet
281Kb / 16P
   8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
CXA1260Q SONY-CXA1260Q Datasheet
328Kb / 16P
   8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com