Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1179JCQ Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI1179JCQ
Description  8-Bit, 35 MSPS, Video A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1179JCQ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI1179JCQ Datasheet HTML 5Page - Intersil Corporation HI1179JCQ Datasheet HTML 6Page - Intersil Corporation HI1179JCQ Datasheet HTML 7Page - Intersil Corporation HI1179JCQ Datasheet HTML 8Page - Intersil Corporation HI1179JCQ Datasheet HTML 9Page - Intersil Corporation HI1179JCQ Datasheet HTML 10Page - Intersil Corporation HI1179JCQ Datasheet HTML 11Page - Intersil Corporation HI1179JCQ Datasheet HTML 12Page - Intersil Corporation HI1179JCQ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
9
NC
This pin must be left open. Used for test purposes
only.
10
DVDD
Digital +5V.
12
CLK
Clock Input.
11, 13, 14
TEST
Pin 11 must be connected to DVDD. Pin 13, and
Pin 14 must be connected to DVDD or DVSS. Used
for test purposes only.
15
CLP
Clamp Pulse Input. The input signal voltage is
clamped to VREF while the clamp pulse is low.
16, 19, 20
AVDD
Analog +5V.
17
VRTS
When shorted with VRT, generates approximately
+2.6V.
18
VRT
Reference Voltage (Top).
24
VRB
Reference Voltage (Bottom).
Pin Descriptions (Continued)
PIN
NUMBER
SYMBOL
EQUIVALENT CIRCUIT
DESCRIPTION
9
DVDD
DVSS
12
DVDD
DVSS
13
DVDD
DVSS
11
14
15
DVDD
DVSS
17
AVDD
AVDD
AVSS
18
24
HI1179


Similar Part No. - HI1179JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1179JCQ INTERSIL-HI1179JCQ Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Renesas Technology Corp
HI1179JCQ RENESAS-HI1179JCQ Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results

Similar Description - HI1179JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Sony Corporation
CX20206 SONY-CX20206 Datasheet
281Kb / 16P
   8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
CXA1260Q SONY-CXA1260Q Datasheet
328Kb / 16P
   8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com