Part Name
         Description
HI1179_05

 8-Bit, 35 MSPS, Video A/D Converter ( 15 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 13 page
background image
13
FIGURE 14A.
FIGURE 14B.
FIGURE 14. DIGITAL OUTPUT CURRENT TEST CIRCUIT
Typical Application Circuits
FIGURE 15. INPUT CLAMP APPLICATION (INTERNAL REFERENCE USED)
Test Circuits (Continued)
VRT
VIN
VRB
CLK
OE
GND
VDD
0.6V
2.6V
VOL
IOL
+
-
VRT
VIN
VRB
CLK
OE
GND
VDD
0.6V
2.6V
VOH
IOH
+
-
17
18
19
20
21
22
23
24
16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
25 26 27 28 29 30 31 32
74ACO4
CLOCK IN
LATCH
CK
Q
0.01
µF
0.1
µF
10pF
VREF
CLAMP
PULSE IN
+5V (ANALOG)
D7
D6
D5
D4
D3
D2
D1
D0
0.1
µF
+ 5V (DIGITAL)
0.01
µF
GND (ANALOG)
GND (DIGITAL)
0.01
µF
75
+
10
µF
20K
VIDEO IN
1k
-
+
HA5020
+5V (ANALOG)
1k
HI1179



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD94818-Bit 250 MSPS 3.3 V A/D Converter 1 2 3 4 5 MoreAnalog Devices
HI1176_058-Bit 20 MSPS Flash A/D Converter 1 2 3 4 5 MoreIntersil Corporation
HI1386_038-Bit 75 MSPS Flash A/D Converter 1 2 3 4 5 MoreIntersil Corporation
ADC1175-508-Bit 50 MSPS 125 mW A/D Converter 1 2 3 4 5 MoreNational Semiconductor
HI1396_008-Bit 125 MSPS Flash A/D Converter 1 2 3 4 5 MoreIntersil Corporation
HI1175_058-Bit 20 MSPS Flash A/D Converter 1 2 3 4 5 MoreIntersil Corporation
CA3318_02CMOS Video Speed 8-Bit Flash A/D Converter 1 2 3 4 5 MoreIntersil Corporation
HI1166_008-Bit 250 MSPS Flash A/D Converter 1 2 3 4 5 MoreIntersil Corporation
MC144428-BIT A/D CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreMotorola, Inc
HI1171_058-Bit 40 MSPS High Speed D/A Converter 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl