Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2823BB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MB2823BB
Description  Dual 9-bit D-type flip-flop with reset and enable 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2823BB Datasheet(HTML) 3 Page - NXP Semiconductors

  MB2823BB Datasheet HTML 1Page - NXP Semiconductors MB2823BB Datasheet HTML 2Page - NXP Semiconductors MB2823BB Datasheet HTML 3Page - NXP Semiconductors MB2823BB Datasheet HTML 4Page - NXP Semiconductors MB2823BB Datasheet HTML 5Page - NXP Semiconductors MB2823BB Datasheet HTML 6Page - NXP Semiconductors MB2823BB Datasheet HTML 7Page - NXP Semiconductors MB2823BB Datasheet HTML 8Page - NXP Semiconductors MB2823BB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2823
Dual 9-bit D-type flip-flop with
reset and enable (3-State)
August 24, 1993
4
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING MODE
nOE
nMR
nCE
nCP
nDx
nQ0 – nQ8
L
L
X
X
X
L
Clear
L
H
L
h
H
Load and read data
L
H
L
l
L
L
H
H
X
NC
Hold
H
X
X
X
X
Z
High impedance
H = High voltage level
h
= High voltage level one set-up time prior to the Low-to-High clock transition
L
= Low voltage level
l
= Low voltage level one set-up time prior to the Low-to-High clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
↑ = Low to High clock transition
↑ = Not a Low-to-High clock transition
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
128
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
MAX
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
64
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C


Similar Part No. - MB2823BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2821 PHILIPS-MB2821 Datasheet
112Kb / 9P
   Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
MB2821BB PHILIPS-MB2821BB Datasheet
112Kb / 9P
   Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
MB2827BB PHILIPS-MB2827BB Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
More results

Similar Description - MB2823BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com