Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGFC5213 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MGFC5213
Description  K-Band 2-Stage Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC5213 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MGFC5213 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC5213 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFC5213 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGFC5213 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MITSUBISHI SEMICONDUCTOR <GaAs MMIC>
MITSUBISHI
ELECTRIC
PRELIMINARY
Notice : This is not a final specification
Some parametric limits are subject to change.
as of July '98
MGFC5213
K-Band 2-Stage Power Amplifier
TYPICAL CHARACTERISTICS
Output Power Performances
Small Signal Performances
f = 30 GHz
Pin [dBm]
10
15
20
25
30
35
0
10
20
30
40
50
5
10
15
20
25
(Vd = 5 V, Id1 = 360mA, Id2 = 720 mA, Ta = 25 ˚C)
-20
-15
-10
-5
0
5
10
15
26
27
28
29
30
31
S21
Frequency [GHz]
S11
S22
(Vd = 5 V, Id1 = 360mA, Id2 = 720 mA, Ta = 25 ˚C)


Similar Part No. - MGFC5213

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC5211 MITSUBISHI-MGFC5211 Datasheet
24Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5212 MITSUBISHI-MGFC5212 Datasheet
33Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5214 MITSUBISHI-MGFC5214 Datasheet
34Kb / 4P
   Q-Band 2-Stage Power Amplifier
MGFC5215 MITSUBISHI-MGFC5215 Datasheet
26Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5216 MITSUBISHI-MGFC5216 Datasheet
31Kb / 4P
   Q-Band 4-Stage Driver Amplifier
More results

Similar Description - MGFC5213

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC5212 MITSUBISHI-MGFC5212 Datasheet
33Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5215 MITSUBISHI-MGFC5215 Datasheet
26Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5211 MITSUBISHI-MGFC5211 Datasheet
24Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5217 MITSUBISHI-MGFC5217 Datasheet
42Kb / 3P
   K-Band 2-Stage Power Amplifier
MGFC5218 MITSUBISHI-MGFC5218 Datasheet
22Kb / 3P
   K-Band 2-Stage Power Amplifier
MGFC5214 MITSUBISHI-MGFC5214 Datasheet
34Kb / 4P
   Q-Band 2-Stage Power Amplifier
logo
TriQuint Semiconductor
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
TGA4534-SM TRIQUINT-TGA4534-SM_15 Datasheet
748Kb / 15P
   K-Band Power Amplifier
TGA4536-SM TRIQUINT-TGA4536-SM_15 Datasheet
695Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com