Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM49PDL640AG85NS Datasheet(PDF) 11 Page - SPANSION

Part # AM49PDL640AG85NS
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM49PDL640AG85NS Datasheet(HTML) 11 Page - SPANSION

Back Button AM49PDL640AG85NS Datasheet HTML 7Page - SPANSION AM49PDL640AG85NS Datasheet HTML 8Page - SPANSION AM49PDL640AG85NS Datasheet HTML 9Page - SPANSION AM49PDL640AG85NS Datasheet HTML 10Page - SPANSION AM49PDL640AG85NS Datasheet HTML 11Page - SPANSION AM49PDL640AG85NS Datasheet HTML 12Page - SPANSION AM49PDL640AG85NS Datasheet HTML 13Page - SPANSION AM49PDL640AG85NS Datasheet HTML 14Page - SPANSION AM49PDL640AG85NS Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
November 20, 2003
Am49PDL640AG
9
P R E L I M I NARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
MCP DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. Tables 1-2 lists the device bus operations, the
inputs and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Am49PDL640
A
G
a
70
N
T
TAPE AND REEL
T=
7 inches
S
=
13 inches
TEMPERATURE RANGE
N
=
Light Industrial (–25
°C to +85°C)
SPEED OPTION
See Product Selector Guide and Valid Combinations
pSRAM VENDOR
Blank =
Etron
a=
Si-7
PROCESS TECHNOLOGY
G
=
0.17 µm
Pseudo SRAM DEVICE DENSITY
A=
16 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am49PDL640AG
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29PDL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash
Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
Valid Combinations
Order Number
Package Marking
Am49PDL640AG70N
T, S
M49000001Y
Am49PDL640AG85N
M49000001Z
Am49PDL640AGa70N
M49000004F
Am29PDL640AGa85N
M49000004G


Similar Part No. - AM49PDL640AG85NS

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM49PDL127AH SPANSION-AM49PDL127AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL127AH61IS SPANSION-AM49PDL127AH61IS Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL127AH61IT SPANSION-AM49PDL127AH61IT Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL127AH70IS SPANSION-AM49PDL127AH70IS Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL127AH70IT SPANSION-AM49PDL127AH70IT Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
More results

Similar Description - AM49PDL640AG85NS

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM49DL640AH SPANSION-AM49DL640AH Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM42DL640AH SPANSION-AM42DL640AH Datasheet
1,011Kb / 60P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
logo
Advanced Micro Devices
AM50DL128CG AMD-AM50DL128CG Datasheet
888Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
logo
SPANSION
AM49PDL127AH SPANSION-AM49PDL127AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
logo
Advanced Micro Devices
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM42BDS640AG AMD-AM42BDS640AG Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM49DL640BG AMD-AM49DL640BG Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM49DL320BG AMD-AM49DL320BG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com