Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5307 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2N5307
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5307 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N5307_02 Datasheet HTML 1Page - Fairchild Semiconductor 2N5307_02 Datasheet HTML 2Page - Fairchild Semiconductor 2N5307_02 Datasheet HTML 3Page - Fairchild Semiconductor 2N5307_02 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, July 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings* T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
12
V
IC
Collector Current
- Continuous
1.2
A
TJ, TST
Operating and Storage Junction Temperature Range
-55 ~ +150
°C
2N5307
NPN General Purpose Amplifier
• This device designed for applications requiring extremely high current
gain at currents to 1.0A.
• Sourced from Process 05.
• See MPSA14 for characteristics.
TO-92
1. Emitter 2. Collector 3. Base
1


Similar Part No. - 2N5307_02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5307 FAIRCHILD-2N5307 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
Micro Electronics
2N5307 MICRO-ELECTRONICS-2N5307 Datasheet
91Kb / 2P
   NPN DARLINGTON AMPLIFIER
logo
New Jersey Semi-Conduct...
2N5307 NJSEMI-2N5307 Datasheet
158Kb / 1P
   SPRINGFIELD, NEW JERSEY 07091
2N5307 NJSEMI-2N5307 Datasheet
132Kb / 1P
   SILICON TRANSISTORS
More results

Similar Description - 2N5307_02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com