Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29SL800DT100EI Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29SL800DT100EI
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DT100EI Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29SL800DT100EI Datasheet HTML 6Page - Advanced Micro Devices AM29SL800DT100EI Datasheet HTML 7Page - Advanced Micro Devices AM29SL800DT100EI Datasheet HTML 8Page - Advanced Micro Devices AM29SL800DT100EI Datasheet HTML 9Page - Advanced Micro Devices AM29SL800DT100EI Datasheet HTML 10Page - Advanced Micro Devices AM29SL800DT100EI Datasheet HTML 11Page - Advanced Micro Devices AM29SL800DT100EI Datasheet HTML 12Page - Advanced Micro Devices AM29SL800DT100EI Datasheet HTML 13Page - Advanced Micro Devices AM29SL800DT100EI Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
D A TA
SH EE T
8
Am29SL800D
27546A6 January 23, 2007
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state
machine. The state machine outputs dictate the func-
tion of the device. Table 1 lists the device bus
operations, the inputs and control levels they require,
and the resulting output. The following subsections
describe each of these operations in further detail.
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 10 ± 1.0 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1.
Addresses are A18:A0 in word mode (BYTE# = VIH), A18:A-1 in byte mode (BYTE# = VIL).
2.
The sector protect and sector unprotect functions may also be implemented via programming equipment.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins DQ15–DQ0 operate in the byte or word configura-
tion. If the BYTE# pin is set at logic ‘1’, the device is in
word configuration, DQ15–DQ0 are active and con-
trolled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ0–DQ7 are
active and controlled by CE# and OE#. The data I/O
pins DQ8–DQ14 are tri-stated, and the DQ15 pin is
used as an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output
control and gates array data to the output pins. WE#
should remain at VIH. The BYTE# pin determines
whether the device outputs array data in words or
bytes.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No
command is necessary in this mode to obtain array
data. Standard microprocessor read cycles that assert
valid addresses on the device address inputs produce
valid data on the device data outputs. The device
remains enabled for read access until the command
register contents are altered.
See Reading Array Data‚ on page 14 for more informa-
tion. Refer to the AC Read Operations table for timing
specifications and to Figure 13, on page 28 for the
timing diagram. ICC1 in the DC Characteristics table
represents the active current specification for reading
array data.
Writing Commands/Command Sequences
To write a command or command sequence (which
includes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
For program operations, the BYTE# pin determines
whether the device accepts program data in bytes or
Table 1.
Am29SL800D Device Bus Operations
Operation
CE#
OE#
WE#
RESET#
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
DQ8–DQ14 = High-Z,
DQ15 = A-1
Write
L
H
L
H
AIN
DIN
DIN
Standby
VCC ±
0.2 V
XX
VCC ±
0.2 V
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Sector Protect (Note)
L
H
L
VID
Sector Address, A6 =
L, A1 = H,
A0 = L
DIN
XX
Sector Unprotect (Note)
L
H
L
VID
Sector Address, A6 =
H, A1 = H,
A0 = L
DIN
XX
Temporary Sector Unprotect
X
X
X
VID
AIN
DIN
DIN
High-Z


Similar Part No. - AM29SL800DT100EI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29SL800DT100 AMD-AM29SL800DT100 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
More results

Similar Description - AM29SL800DT100EI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29SL800D AMD-AM29SL800D Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800B AMD-AM29SL800B Datasheet
543Kb / 41P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800C AMD-AM29SL800C Datasheet
549Kb / 41P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400D SPANSION-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL400C AMD-AM29SL400C Datasheet
846Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL400D AMD-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400C SPANSION-AM29SL400C Datasheet
945Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL160C AMD-AM29SL160C_07 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com