Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3600 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HFA3600
Description  Low-Noise Amplifier/Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3600 Datasheet(HTML) 5 Page - Intersil Corporation

  HFA3600_02 Datasheet HTML 1Page - Intersil Corporation HFA3600_02 Datasheet HTML 2Page - Intersil Corporation HFA3600_02 Datasheet HTML 3Page - Intersil Corporation HFA3600_02 Datasheet HTML 4Page - Intersil Corporation HFA3600_02 Datasheet HTML 5Page - Intersil Corporation HFA3600_02 Datasheet HTML 6Page - Intersil Corporation HFA3600_02 Datasheet HTML 7Page - Intersil Corporation HFA3600_02 Datasheet HTML 8Page - Intersil Corporation HFA3600_02 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LNA Characteristics
FIGURE 5. LNA S21 vs FREQUENCY AND VCC
FIGURE 6. LNA S21 vs FREQUENCY AND TEMPERATURE
FIGURE 7. LNA S11 vs FREQUENCY AND TEMPERATURE
FIGURE 8. LNA S12 vs FREQUENCY AND TEMPERATURE
FIGURE 9. LNA S22 vs FREQUENCY AND TEMPERATURE
FIGURE 10. LNA OUTPUT 1dB COMPRESSION vs FREQUENCY
800
1000
0
FREQUENCY (MHz)
5.5V
5.0V
4.5V
2dB/DIV
900
20
800
1000
0
85
FREQUENCY (MHz)
2dB/DIV
-40
25
900
20
800
1000
0
FREQUENCY (MHz)
-40
25
2dB/DIV
85
900
-20
800
1000
0
FREQUENCY (MHz)
-40
25
85
5dB/DIV
900
-50
800
1000
0
FREQUENCY (MHz)
2dB/DIV
-40
25
85
900
-20
800
900
1000
0.00
-1.00
-2.00
-3.00
-4.00
-5.00
FREQUENCY (MHz)
HFA3600


Similar Part No. - HFA3600_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3600IB INTERSIL-HFA3600IB Datasheet
430Kb / 16P
   Low-Noise Amplifier/Mixer
May 1999
logo
Renesas Technology Corp
HFA3600IB RENESAS-HFA3600IB Datasheet
861Kb / 16P
   Low-Noise Amplifier/Mixer
August 2002
logo
Intersil Corporation
HFA3600IB96 INTERSIL-HFA3600IB96 Datasheet
430Kb / 16P
   Low-Noise Amplifier/Mixer
May 1999
More results

Similar Description - HFA3600_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
   Low-Noise Amplifier/Mixer
May 1999
logo
RF Micro Devices
RF2411 RFMD-RF2411_06 Datasheet
333Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_1 Datasheet
441Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411 Datasheet
260Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
   Low-Noise Amplifier/Mixer
August 2002
logo
RF Micro Devices
RF2411 RFMD-RF2411_15 Datasheet
1Mb / 12P
   LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_06 Datasheet
218Kb / 14P
   IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_1 Datasheet
363Kb / 12P
   IF LOW NOISE AMPLIFIER/MIXER
RF2486 RFMD-RF2486 Datasheet
237Kb / 8P
   PCS LOW NOISE AMPLIFIER/MIXER
RF9986 RFMD-RF9986 Datasheet
235Kb / 8P
   PCS LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com