Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD129H53VI Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # PD129H53VI
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD129H53VI Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button PD129H53VI Datasheet HTML 7Page - Advanced Micro Devices PD129H53VI Datasheet HTML 8Page - Advanced Micro Devices PD129H53VI Datasheet HTML 9Page - Advanced Micro Devices PD129H53VI Datasheet HTML 10Page - Advanced Micro Devices PD129H53VI Datasheet HTML 11Page - Advanced Micro Devices PD129H53VI Datasheet HTML 12Page - Advanced Micro Devices PD129H53VI Datasheet HTML 13Page - Advanced Micro Devices PD129H53VI Datasheet HTML 14Page - Advanced Micro Devices PD129H53VI Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
November 2, 2005
Am29PDL129H
9
DEVICE BUS OPERATIONS
Table 1.
Am29PDL129H Device Bus Operations
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 8.5–9.5 V, X = Don’t Care, SA = Sector Address,
AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. The sector protect and sector unprotect functions may also be implemented via programming equipment. .
2. WP#/ACC must be high when writing to sectors SA1-133, SA1-134, SA2-0, or SA2-1.
Random Read (Non-Page Read)
Address access time (tACC) is equal to the delay from
stable addresses to valid output data. The chip enable
access time (tCE) is the delay from the stable ad-
dresses and stable CE# to valid data at the output in-
puts. The output enable access time is the delay from
the falling edge of the OE# to valid data at the output
inputs (assuming the addresses have been stable for
at least tACC–tOE time).
Page Mode Read
The device is capable of fast page mode read and is
compatible with the page mode Mask ROM read oper-
ation. This mode provides faster read access speed
for random locations within a page. Address bits A21–
A3 select an 8-word page, and address bits A2–A0 se-
lect a specific work within that page. This is an asyn-
chronous operation with the microprocessor supplying
the specific word location.
The random or initial page access is tACC or tCE and
subsequent page read accesses (as long as the loca-
tions specified by the microprocessor fall within that
page) are tPACC. When CE1# and CE2# are deas-
serted (CE1#=CE2#=VIH), the reassertion of CE1# or
CE2# for subsequent access has access time of tACC
or tCE. Here again, CE1#/CE2# selects the device and
OE# is the output control and should be used to gate
data to the output inputs if the device is selected. Fast
page mode accesses are obtained by keeping A21–
A3 constant and changing A2 to A0 to select the spe-
cific word within that page.
Table 2.
Page Select
Simultaneous Operation
In addition to the conventional features (read, pro-
gram, erase-suspend read, and erase-suspend pro-
gram), the device is capable of reading data from one
bank of memory while a program or erase operation is
in progress in another bank of memory (simultaneous
operation), The bank can be selected by bank ad-
dresses (A21–A20) with zero latency.
The simultaneous operation can execute multi-func-
tion mode in the same bank.
Operation
CE1#
CE2#
OE#
WE#
RESET#
WP#/ACC
Addresses
(A21–A0)
DQ15–
DQ0
Read
LH
LH
H
X
AIN
DOUT
HL
Write
LH
HL
H
X
(Note 2)
AIN
DIN
HL
Standby
VIO±
0.3 V
VIO ±
0.3 V
XX
VIO ±
0.3 V
XX
High-Z
Output Disable
L
L
H
H
H
X
X
High-Z
Reset
X
X
X
X
L
X
X
High-Z
Temporary Sector Unprotect (High
Voltage)
XX
X
X
VID
XAIN
DIN
Word
A2
A1
A0
Word 0
0
0
0
Word 1
0
0
1
Word 2
0
1
0
Word 3
0
1
1
Word 4
1
0
0
Word 5
1
0
1
Word 6
1
1
0
Word 7
1
1
1


Similar Part No. - PD129H53VI

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PD1201 CLARE-PD1201 Datasheet
321Kb / 4P
   AC Solid State Relays
PD1201 CLARE-PD1201 Datasheet
101Kb / 5P
   AC Power Switch
logo
IXYS Corporation
PD1201 IXYS-PD1201 Datasheet
91Kb / 5P
   AC Power Switch
logo
Clare, Inc.
PD1201 CLARE-PD1201_10 Datasheet
101Kb / 5P
   AC Power Switch
logo
List of Unclassifed Man...
PD121SL1 ETC2-PD121SL1 Datasheet
527Kb / 21P
   TFT-LCD module
More results

Similar Description - PD129H53VI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29PDL129H SPANSION-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29PDL128G SPANSION-AM29PDL128G Datasheet
1Mb / 69P
   128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
AM29PDL640G SPANSION-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29DL642G AMD-AM29DL642G Datasheet
828Kb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com