Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2623BB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MB2623BB
Description  16-bit transceiver with dual enable, non-inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2623BB Datasheet(HTML) 4 Page - NXP Semiconductors

  MB2623BB Datasheet HTML 1Page - NXP Semiconductors MB2623BB Datasheet HTML 2Page - NXP Semiconductors MB2623BB Datasheet HTML 3Page - NXP Semiconductors MB2623BB Datasheet HTML 4Page - NXP Semiconductors MB2623BB Datasheet HTML 5Page - NXP Semiconductors MB2623BB Datasheet HTML 6Page - NXP Semiconductors MB2623BB Datasheet HTML 7Page - NXP Semiconductors MB2623BB Datasheet HTML 8Page - NXP Semiconductors MB2623BB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
MB2623
16-bit transceiver with dual enable, non-inverting
(3-State)
1998 Jan 16
4
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
128
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
Min
Max
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
64
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
Tamb
operating free-air temperature range
–40
+85
°C


Similar Part No. - MB2623BB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MB26 PANJIT-MB26 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
MB26 SY-MB26 Datasheet
229Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB26 ZSELEC-MB26 Datasheet
112Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
MB260F-C SECOS-MB260F-C Datasheet
293Kb / 2P
   2Amp Surface Mount Bridge Rectifiers
logo
Murata Manufacturing Co...
MB26101BAN MURATA-MB26101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB2623BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ALVCH16623 PHILIPS-74ALVCH16623 Datasheet
84Kb / 16P
   16-bit transceiver with dual enable; 3-state
1999 Sep 20
74ABT16652 PHILIPS-74ABT16652 Datasheet
96Kb / 12P
   16-bit transceiver/register, non-inverting 3-State
1998 Feb 27
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652 Datasheet
103Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com