Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD640G63UI Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # PD640G63UI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G63UI Datasheet(HTML) 3 Page - Advanced Micro Devices

  PD640G63UI Datasheet HTML 1Page - Advanced Micro Devices PD640G63UI Datasheet HTML 2Page - Advanced Micro Devices PD640G63UI Datasheet HTML 3Page - Advanced Micro Devices PD640G63UI Datasheet HTML 4Page - Advanced Micro Devices PD640G63UI Datasheet HTML 5Page - Advanced Micro Devices PD640G63UI Datasheet HTML 6Page - Advanced Micro Devices PD640G63UI Datasheet HTML 7Page - Advanced Micro Devices PD640G63UI Datasheet HTML 8Page - Advanced Micro Devices PD640G63UI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 26573
Rev: B Amendment/+2
Issue Date: December 13, 2005
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29PDL640G
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only,
Simultaneous Read/Write Flash Memory with Enhanced
VersatileIOTM Control
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
64 Mbit Page Mode device
— Page size of 8 words: Fast page read access from
random locations within the page
Single power supply operation
— Full Voltage range: 2.7 to 3.1 volt read, erase, and
program operations for battery-powered applications
Simultaneous Read/Write Operation
— Data can be continuously read from one bank while
executing erase/program functions in another bank
— Zero latency switching from write to read operations
FlexBank Architecture
— 4 separate banks, with up to two simultaneous
operations per device
— Bank A: 8 Mbit (4 Kw x 8 and 32Kw x 15)
— Bank B: 24 Mbit (32 Kw x 48)
— Bank C: 24 Mbit (32 Kw x 48)
— Bank D: 8 Mbit (4 Kw x 8 and 32 Kw x 15)
Enhanced VersatileI/OTM (VIO) Control
— Output voltage generated and input voltages tolerated
on all control inputs and I/Os is determined by the
voltage on the V
IO pin
SecSiTM (Secured Silicon) Sector region
— Up to 128 words accessible through a command
sequence
Both top and bottom boot blocks in one device
Manufactured on 0.17 µm process technology
20-year data retention at 125°C
Minimum 1 million erase cycle guarantee per sector
PERFORMANCE CHARACTERISTICS
High Performance
— Page access times as fast as 25 ns
— Random access times as fast as 65 ns
Power consumption (typical values at 10 MHz)
— 25 mA active read current
— 15 mA program/erase current
— 0.2 µA typical standby mode current
SOFTWARE FEATURES
Software command-set compatible with JEDEC 42.4
standard
— Backward compatible with Am29F and Am29LV
families
CFI (Common Flash Interface) complaint
— Provides device-specific information to the system,
allowing host software to easily reconfigure for
different Flash devices
Erase Suspend / Erase Resume
— Suspends an erase operation to allow read or
program operations in other sectors of same bank
Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting program or
erase cycle completion
Hardware reset pin (RESET#)
— Hardware method to reset the device to reading array
data
WP#/ACC (Write Protect/Accelerate) input
—At VIL, protects the first and last two 4K word sectors,
regardless of sector protect/unprotect status
—At VIH, allows removal of sector protection
—At V
HH, provides faster programming times in a factory
setting
Persistent Sector Protection
— A command sector protection method to lock
combinations of individual sectors and sector groups
to prevent program or erase operations within that
sector
— Sectors can be locked and unlocked in-system at V
CC
level
Password Sector Protection
— A sophisticated sector protection method to lock
combinations of individual sectors and sector groups
to prevent program or erase operations within that
sector using a user-defined 64-bit password
Package options
— 63-ball Fine-pitch BGA
— 80-ball Fine-pitch BGA
This product has been retired and is not available for designs. For new and current designs, S29PL064J supersedes Am29PDL640G and is the factory-recommended migration path. Please
refer to the S29PL064J datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only.


Similar Part No. - PD640G63UI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64001 MICROSEMI-PD64001 Datasheet
510Kb / 9P
   1-Port PoE Manager
PD64001 MICROSEMI-PD64001 Datasheet
384Kb / 14P
   1-Port PoE Manager
PD64001H MICROSEMI-PD64001H Datasheet
384Kb / 14P
   1-Port PoE Manager
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
   4-port PoE PSE Manager
logo
Microsemi Corporation
PD64004AH MICROSEMI-PD64004AH Datasheet
51Kb / 1P
   4-PORT HPoE PSE MANAGER
More results

Similar Description - PD640G63UI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29PDL640G SPANSION-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
AM29PDL128G AMD-AM29PDL128G Datasheet
628Kb / 71P
   128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640H SPANSION-AM29DL640H_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL064H SPANSION-S29JL064H Datasheet
1Mb / 64P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Eon Silicon Solution In...
EN29PL064 EON-EN29PL064_11 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640G SPANSION-AM29DL640G_05 Datasheet
1Mb / 56P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com