Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3417 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N3417
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3417 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N3417 Datasheet HTML 1Page - Fairchild Semiconductor 2N3417 Datasheet HTML 2Page - Fairchild Semiconductor 2N3417 Datasheet HTML 3Page - Fairchild Semiconductor 2N3417 Datasheet HTML 4Page - Fairchild Semiconductor 2N3417 Datasheet HTML 5Page - Fairchild Semiconductor 2N3417 Datasheet HTML 6Page - Fairchild Semiconductor 2N3417 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
IC = 10 mA, IB = 0
50
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
50
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
ICBO
Collector-Cutoff Current
VCB = 25 V, IE = 0
VCB = 18 V, IE = 0, TA = 100
°C
100
15
nA
µA
IEBO
Emitter-Cutoff Current
VEB = 5.0 V, IC = 0
100
nA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 4.5 V, IC = 2.0 mA
2N3416
2N3417
75
180
225
540
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 50 mA, IB = 3.0 mA
0.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 50 mA, IB = 3.0 mA
0.6
1.3
V
SMALL SIGNAL CHARACTERISTICS
hfe
Small-Signal Current Gain
IC = 2.0 mA, VCE = 4.5 V,
f = 1.0 kHz
2N3416
2N3417
75
180
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%


Similar Part No. - 2N3417

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N3417 FAIRCHILD-2N3417 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
logo
Micro Electronics
2N3417 MICRO-ELECTRONICS-2N3417 Datasheet
138Kb / 1P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3417 CENTRAL-2N3417 Datasheet
56Kb / 1P
   Small Signal Transistors
2N3417 CENTRAL-2N3417 Datasheet
58Kb / 1P
   NPN SILICON TRANSISTOR
2N3417 CENTRAL-2N3417 Datasheet
326Kb / 2P
   SILICON NPN TRANSISTORS
More results

Similar Description - 2N3417

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com