Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1115 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA1115
Description  225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1115 Datasheet(HTML) 1 Page - Intersil Corporation

  HFA1115 Datasheet HTML 1Page - Intersil Corporation HFA1115 Datasheet HTML 2Page - Intersil Corporation HFA1115 Datasheet HTML 3Page - Intersil Corporation HFA1115 Datasheet HTML 4Page - Intersil Corporation HFA1115 Datasheet HTML 5Page - Intersil Corporation HFA1115 Datasheet HTML 6Page - Intersil Corporation HFA1115 Datasheet HTML 7Page - Intersil Corporation HFA1115 Datasheet HTML 8Page - Intersil Corporation HFA1115 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
TM
HFA1115
225MHz, Low Power, Output
Limiting, Closed Loop Buffer Amplifier
The HFA1115 is a high speed closed loop Buffer featuring both
user programmable gain and output limiting. Manufactured on
Intersil’s proprietary complementary bipolar UHF-1 process, the
HFA1115 also offers a wide -3dB bandwidth of 225MHz, very
fast slew rate, excellent gain flatness and high output current.
This buffer is the ideal choice for high frequency applications
requiring output limiting, especially those needing ultra fast
overload recovery times. The limiting function allows the
designer to set the maximum positive and negative output
levels, thereby protecting later stages from damage or input
saturation. The HFA1115 also allows for voltage gains of +2,
+1, and -1, without the use of external resistors. Gain
selection is accomplished via connections to the inputs, as
described in the “Application Information” text. The result is a
more flexible product, fewer part types in inventory, and more
efficient use of board space.
Compatibility with existing op amp pinouts provides flexibility
to upgrade low gain amplifiers, while decreasing component
count. Unlike most buffers, the standard pinout provides an
upgrade path, should a higher closed loop gain be needed at
a future date. For Military product, refer to the HFA1115/883
data sheet.
Pinout
HFA1115
(PDIP, SOIC)
TOP VIEW
Features
• User Programmable Output Voltage Limiting
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 1M
Ω
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Wide -3dB Bandwidth (AV = +2) . . . . . . . . . . . . . 225MHz
• Very Fast Slew Rate (AV = -1) . . . . . . . . . . . . . . 1135V/μs
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . 7.1mA
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Excellent Gain Accuracy . . . . . . . . . . . . . . . . . . . 0.99V/V
• User Programmable For Closed-Loop Gains of +1, -1 or
+2 Without Use of External Resistors
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . <1ns
• Standard Operational Amplifier Pinout
Applications
• Flash A/D Drivers
• Video Cable Drivers
• High Resolution Monitors
• Professional Video Processing
• Medical Imaging
• Video Digitizing Boards/Systems
• Battery Powered Communications
Pin Descriptions
NAME
PIN NUMBER
DESCRIPTION
NC
1
No Connection
-IN
2
Inverting Input
+IN
3
Non-Inverting Input
V-
4
Negative Supply
VL
5
Lower Output Limit
OUT
6
Output
V+
7
Positive Supply
VH
8
Upper Output Limit
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
VH
V+
OUT
VL
+
_
350
350
Part # Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HFA1115IP
-40 to 85
8 Ld PDIP
E8.3
HFA1115IB
(H1115I)
-40 to 85
8 Ld SOIC
M8.15
HFA11XXEVAL
High Speed Op Amp DIP Evaluation Board
Data Sheets
July 2004
FN3606.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright Harris Corporation 1998, Copyright Intersil Americas Inc. 2004. All Rights Reserved
OBSOL
ETE PR
ODUCT
POSSIBL
E SUBS
TITUTE
PRODU
CT
HFA111
3


Similar Part No. - HFA1115

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1115/883 INTERSIL-HFA1115/883 Datasheet
537Kb / 5P
   High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
HFA1115883 INTERSIL-HFA1115883 Datasheet
537Kb / 5P
   High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
HFA1115EVAL INTERSIL-HFA1115EVAL Datasheet
159Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
More results

Similar Description - HFA1115

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1115883 INTERSIL-HFA1115883 Datasheet
537Kb / 5P
   High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
   Low-Power, Wideband, Closed-Loop Buffer
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com