Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1205IB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HFA1205IB
Description  Dual, 425MHz, Low Power, Video Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1205IB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HFA1205IB Datasheet HTML 5Page - Intersil Corporation HFA1205IB Datasheet HTML 6Page - Intersil Corporation HFA1205IB Datasheet HTML 7Page - Intersil Corporation HFA1205IB Datasheet HTML 8Page - Intersil Corporation HFA1205IB Datasheet HTML 9Page - Intersil Corporation HFA1205IB Datasheet HTML 10Page - Intersil Corporation HFA1205IB Datasheet HTML 11Page - Intersil Corporation HFA1205IB Datasheet HTML 12Page - Intersil Corporation HFA1205IB Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FIGURE 14. SMALL SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 15. LARGE SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 16. SMALL SIGNAL POSITIVE PULSE RESPONSE
FIGURE 17. LARGE SIGNAL POSITIVE PULSE RESPONSE
FIGURE 18. SMALL SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 19. LARGE SIGNAL BIPOLAR PULSE RESPONSE
Typical Performance Curves VSUPPLY = ±5V, RF = Value From the Optimum Feedback Resistor Table, TA = 25oC, RL = 100Ω,
Unless Otherwise Specified (Continued)
AV = -1
200
150
100
50
0
-50
-100
-150
-200
TIME (5ns/DIV.)
AV = -1
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
TIME (5ns/DIV.)
200
150
100
50
0
-50
-100
250
300
TIME (5ns/DIV.)
AV = +5
AV = +10
AV = +5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
2.5
3.0
TIME (5ns/DIV.)
AV = +5
AV = +10
AV = +5
200
150
100
50
0
-50
-100
-150
-200
TIME (5ns/DIV.)
AV = +5
AV = +10
AV = +5
2.0
1.5
0.5
0
-0.5
-1.0
-1.5
-2.0
1.0
TIME (5ns/DIV.)
AV = +5
AV = +10
AV = +5
HFA1205


Similar Part No. - HFA1205IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1205IB INTERSIL-HFA1205IB Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
logo
Renesas Technology Corp
HFA1205IB RENESAS-HFA1205IB Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
More results

Similar Description - HFA1205IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1205 RENESAS-HFA1205 Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Intersil Corporation
HFA1205 INTERSIL-HFA1205 Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
logo
Renesas Technology Corp
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
   Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
HFA1305 INTERSIL-HFA1305_04 Datasheet
657Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com