Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1396AIL Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1396AIL
Description  8-Bit, 125 MSPS, Flash A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1396AIL Datasheet(HTML) 5 Page - Intersil Corporation

  HI1396AIL Datasheet HTML 1Page - Intersil Corporation HI1396AIL Datasheet HTML 2Page - Intersil Corporation HI1396AIL Datasheet HTML 3Page - Intersil Corporation HI1396AIL Datasheet HTML 4Page - Intersil Corporation HI1396AIL Datasheet HTML 5Page - Intersil Corporation HI1396AIL Datasheet HTML 6Page - Intersil Corporation HI1396AIL Datasheet HTML 7Page - Intersil Corporation HI1396AIL Datasheet HTML 8Page - Intersil Corporation HI1396AIL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
21
35
CLK
I
ECL
CLK Input.
20
34
CLK
Input complementary to CLK.
When left open pulled down to
-1.3V. Device is operable without
CLK
input,
but
use
of
complementary inputs of CLK and
CLK is recommended to obtain
stable high speed operation.
5, 16
7, 24
DGND1
-
0V
Digital GND for internal circuits.
6, 15
8, 23
DGND2
-
0V
Digital GND for output transistors.
4, 17
5, 30
DVEE
-
-5.2V
Digital VEE. Internally connected
to AVEE (resistance: 4Ω to 6Ω).
Bypass with 0.1
µF to DGND
7
14
D0
O
ECL
LSB of data outputs. External
pull-down resistor is required.
815
D1
Data outputs. External pull-down
resistors are required.
916
D2
10
17
D3
11
18
D4
12
19
D5
13
20
D6
14
21
D7
MSB of data outputs. External
pull-down resistor is required.
Pin Descriptions and I/O Pin Equivalent Circuits (Continued)
PIN NUMBER
SYMBOL
I/O
STANDARD
VOLTAGE
LEVEL
EQUIVALENT CIRCUIT
DESCRIPTION
DIP
LCC
DVEE
CLK
CLK
DGND1
R
R
R
R
RR
DVEE
DGND2
DI
HI1396


Similar Part No. - HI1396AIL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1396AIL INTERSIL-HI1396AIL Datasheet
86Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
August 1997
More results

Similar Description - HI1396AIL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1396 INTERSIL-HI1396 Datasheet
86Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
August 1997
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com