Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA5024IBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA5024IBZ
Description  Quad 125MHz Video Current Feedback Amplifier with Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5024IBZ Datasheet(HTML) 1 Page - Intersil Corporation

  HA5024IBZ Datasheet HTML 1Page - Intersil Corporation HA5024IBZ Datasheet HTML 2Page - Intersil Corporation HA5024IBZ Datasheet HTML 3Page - Intersil Corporation HA5024IBZ Datasheet HTML 4Page - Intersil Corporation HA5024IBZ Datasheet HTML 5Page - Intersil Corporation HA5024IBZ Datasheet HTML 6Page - Intersil Corporation HA5024IBZ Datasheet HTML 7Page - Intersil Corporation HA5024IBZ Datasheet HTML 8Page - Intersil Corporation HA5024IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
HA5024
Quad 125MHz Video Current
Feedback Amplifier with Disable
The HA5024 is a quad version of the popular Intersil
HA5020. It features wide bandwidth and high slew rate, and
is optimized for video applications and gains between 1 and
10. It is a current feedback amplifier and thus yields less
bandwidth degradation at high closed loop gains than
voltage feedback amplifiers.
The low differential gain and phase, 0.1dB gain flatness, and
ability to drive two back terminated 75
Ω cables, make this
amplifier ideal for demanding video applications.
The HA5024 also features a disable function that
significantly reduces supply current while forcing the output
to a true high impedance state. This functionality allows 2:1
and 4:1 video multiplexers to be implemented with a single IC.
The current feedback design allows the user to take
advantage of the amplifier’s bandwidth dependency on the
feedback resistor. By reducing RF, the bandwidth can be
increased to compensate for decreases at higher closed
loop gains or heavy output loads.
Features
• Quad Version of HA-5020
• Individual Output Enable/Disable
• Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . 800µV
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 125MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 475V/
µs
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Supply Current (per Amplifier) . . . . . . . . . . . . . . . . 7.5mA
• ESD Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V
• Guaranteed Specifications at
±5V Supplies
Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Video Multiplexers; Video Switching and Routing
•Video Gain Block
• Video Distribution Amplifier/RGB Amplifier
• Flash A/D Driver
• Current to Voltage Converter
• Medical Imaging
• Radar and Imaging Systems
Pinout
HA5024
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HA5024IP
HA5024IP
-40 to 85
20 Ld PDIP
E20.3
HA5024IPZ
(Note)
HA5024IPZ
-40 to 85
20 Ld PDIP*
(Pb-free)
E20.3
HA5024IB
HA5024IB
-40 to 85
20 Ld SOIC
M20.3
HA5024IBZ
(Note)
HA5024IBZ
-40 to 85
20 Ld SOIC
(Pb-free)
M20.3
HA5024IBZ96
(See Note)
HA5024IBZ
-40 to 85
20 Ld SOIC
Tape and Reel
(Pb-free)
M20.3
HA5024EVAL
High Speed Op Amp DIP Evaluation
Board
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free ma-
terial sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or ex-
ceed the Pb-free requirements of IPC/JEDEC J STD-020.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OUT1
-IN1
+IN1
DIS1
NC
V+
+IN2
DIS2
-IN2
OUT2
OUT4
+IN4
DIS4
NC
-IN4
V-
DIS3
+IN3
-IN3
OUT3
+
-
+
-
+
-
+
-
Data Sheet
February 8, 2006
FN3550.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1998, 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HA5024IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA5024IBZ RENESAS-HA5024IBZ Datasheet
827Kb / 17P
   Quad 125MHz Video CurrentFeedback Amplifier with Disable
HA5024IBZ96 RENESAS-HA5024IBZ96 Datasheet
827Kb / 17P
   Quad 125MHz Video CurrentFeedback Amplifier with Disable
More results

Similar Description - HA5024IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
May 2003
HA5024 RENESAS-HA5024 Datasheet
827Kb / 17P
   Quad 125MHz Video CurrentFeedback Amplifier with Disable
logo
Intersil Corporation
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com