Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA5024IBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA5024IBZ
Description  Quad 125MHz Video Current Feedback Amplifier with Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5024IBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA5024IBZ Datasheet HTML 4Page - Intersil Corporation HA5024IBZ Datasheet HTML 5Page - Intersil Corporation HA5024IBZ Datasheet HTML 6Page - Intersil Corporation HA5024IBZ Datasheet HTML 7Page - Intersil Corporation HA5024IBZ Datasheet HTML 8Page - Intersil Corporation HA5024IBZ Datasheet HTML 9Page - Intersil Corporation HA5024IBZ Datasheet HTML 10Page - Intersil Corporation HA5024IBZ Datasheet HTML 11Page - Intersil Corporation HA5024IBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
3550.6
February 8, 2006
The circuit shown in Figure 8 is a simplified schematic of the
enable/disable function. The large value resistors in series with
the DISABLE pin makes it appear as a current source to the
driver. When the driver pulls this pin low current flows out of the
pin and into the driver. This current, which may be as large as
350
µA when external circuit and process variables are at their
extremes, is required to insure that point “A” achieves the
proper potential to disable the output.The driver must have the
compliance and capability of sinking all of this current.
When VCC is +5V the DISABLE pin may be driven with a
dedicated TTL gate. The maximum low level output voltage
of the TTL gate, 0.4V, has enough compliance to insure that
the amplifier will always be disabled even though D1 will not
turn on, and the TTL gate will sink enough current to keep
point “A” at its proper voltage. When VCC is greater than +5V
the DISABLE pin should be driven with an open collector
device that has a breakdown rating greater than VCC.
Referring to Figure 8, it can be seen that R6 will act as a pull-up
resistor to +VCC if the DISABLE pin is left open. In those cases
where the enable/disable function is not required on all circuits
some circuits can be permanently enabled by letting the
DISABLE pin float. If a driver is used to set the enable/disable
level, be sure that the driver does not sink more than 20
µA
when the DISABLE pin is at a high level. TTL gates, especially
CMOS versions, do not violate this criteria so it is permissible to
control the enable/disable function with TTL.
Typical Applications
Four Channel Video Multiplexer
Referring to the amplifier U1A in Figure 9, R1 terminates the
cable in its characteristic impedance of 75
Ω, and R4 back
terminates the cable in its characteristic impedance. The
amplifier is set up in a gain configuration of +2 to yield an
overall network gain of +1 when driving a double terminated
cable. The value of R3 can be changed if a different network
gain is desired. R5 holds the disable pin at ground thus
inhibiting the amplifier until the switch, S1, is thrown to
position 1. At position 1 the switch pulls the disable pin up to
the plus supply rail thereby enabling the amplifier. Since all
of the actual signal switching takes place within the amplifier,
its differential gain and phase parameters, which are 0.03%
and 0.03 degrees respectively, determine the circuit’s
performance. The other three circuits, U1B through U1D,
operate in a similar manner.
When the plus supply rail is 5V the disable pin can be driven by
a dedicated TTL gate as discussed earlier. If a multiplexer IC or
its equivalent is used to select channels its logic must be break
before make. When these conditions are satisfied the
HA5024IP is often used as a remote video multiplexer, and the
multiplexer may be extended by adding more amplifier ICs.
Low Impedance Multiplexer
Two common problems surface when you try to multiplex
multiple high speed signals into a low impedance source such
as an A/D converter. The first problem is the low source
impedance which tends to make amplifiers oscillate and
causes gain errors. The second problem is the multiplexer
which supplies no gain, introduces all kinds of distortion and
limits the frequency response. Using op amps which have an
enable/disable function, such as the HA5024, eliminates the
multiplexer problems because the external mux chip is not
needed, and the HA5024 can drive low impedance (large
capacitance) loads if a series isolation resistor is used.
R6
15K
R7
15K
+VCC
ENABLE/DISABLE INPUT
D1
QP3
R8
QP18
A
R33
R10
FIGURE 8. SIMPLIFIED SCHEMATIC OF ENABLE/DISABLE
FUNCTION
NOTES:
18. U1 is HA5024IP.
19. All resistors in
Ω.
20. S1 is break before make.
21. Use ground plane.
FIGURE 9. FOUR CHANNEL VIDEO MULTIPLEXER
+
-
U1A
+
-
U1B
+
-
+
-
VIDEO
INPUT
#1
VIDEO OUTPUT
75
Ω LOAD
R4
75
3
2
4
R1
75
R3
681
R5
2000
R2
681
TO
1
R6
75
R8
681
R7
681
R9
75
10
8
9
7
R10
2000
1 R21
100
2
3
4
VIDEO
INPUT
#3
R11
75
13
12
14
15
-5V
11
R13
681
R12
681
R15
2000
R14
75
+5V
S1
ALL
OFF
VIDEO
INPUT
#4
R16
75
18
19
17
6
20
R19
75
R20
2000
R17
681
R18
681
U1C
U1D
+5V
+5V IN
+5V
0.1
µF
10
µF0.1µF10µF
-5V IN
-5V
100
(NOTE 17)
100
(NOTE 17)
100
(NOTE 17)
100
(NOTE 17)
HA5024


Similar Part No. - HA5024IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA5024IBZ RENESAS-HA5024IBZ Datasheet
827Kb / 17P
   Quad 125MHz Video CurrentFeedback Amplifier with Disable
HA5024IBZ96 RENESAS-HA5024IBZ96 Datasheet
827Kb / 17P
   Quad 125MHz Video CurrentFeedback Amplifier with Disable
More results

Similar Description - HA5024IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
May 2003
HA5024 RENESAS-HA5024 Datasheet
827Kb / 17P
   Quad 125MHz Video CurrentFeedback Amplifier with Disable
logo
Intersil Corporation
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com