Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2936M-3.0 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2936M-3.0
Description  Ultra-Low Quiescent Current LDO Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2936M-3.0 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2936M-3.0 Datasheet HTML 1Page - National Semiconductor (TI) LM2936M-3.0 Datasheet HTML 2Page - National Semiconductor (TI) LM2936M-3.0 Datasheet HTML 3Page - National Semiconductor (TI) LM2936M-3.0 Datasheet HTML 4Page - National Semiconductor (TI) LM2936M-3.0 Datasheet HTML 5Page - National Semiconductor (TI) LM2936M-3.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2936M-3.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2936M-3.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2936M-3.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics for LM2936–3.0 (Continued)
V
IN = 14V, IO = 10 mA, TJ = 25˚C, unless otherwise specified. Boldface limits apply over entire operating temperature range
Parameter
Conditions
Min
(Note 5)
Typical
(Note 4)
Max
(Note 5)
Units
Output Bypass
Capacitance (C
OUT) ESR
C
OUT = 22µF
0.1mA
≤ I
OUT
≤ 50mA
0.3
8
Shutdown Input − LM2936BM–3.0 Only
Output Voltage, V
OUT
Output Off, V
SD=2.4V, RLOAD = 500
0
0.010
V
Shutdown High
Threshold Voltage, V
IH
Output Off, R
LOAD = 500
2.00
1.1
V
Shutdown Low
Threshold Voltage, V
IL
Output On, R
LOAD = 500
1.1
0.60
V
Shutdown High
Current, I
IH
Output Off, V
SD = 2.4V, RLOAD = 500
12
µA
Quiescent Current
Output Off, V
SD = 2.4V, RLOAD = 500
Includes I
IH Current
30
µA
Electrical Characteristics for LM2936–3.3
V
IN = 14V, IO = 10 mA, TJ = 25˚C, unless otherwise specified. Boldface limits apply over entire operating temperature range
Parameter
Conditions
Min
(Note 5)
Typical
(Note 4)
Max
(Note 5)
Units
LM2936HV–3.3 Only
Output Voltage
5.5V
≤ V
IN
≤ 48V,
100 µA
≤ I
O
≤ 50 mA (Note 6)
3.201
3.300
3.399
V
Line Regulation
6V
≤ V
IN
≤ 60V, I
O = 1mA
10
30
mV
All LM2936–3.3
Output Voltage
3.234
3.300
3.366
V
4.0V
≤ V
IN
≤ 26V,
100 µA
≤ I
O
≤ 50 mA (Note 6)
3.201
3.300
3.399
Quiescent Current
I
O = 100 µA, 8V
≤ V
IN
≤ 24V
15
20
µA
I
O = 10 mA, 8V
≤ V
IN
≤ 24V
0.20
0.50
mA
I
O = 50 mA, 8V
≤ V
IN
≤ 24V
1.5
2.5
mA
Line Regulation
9V
≤ V
IN
≤ 16V
5
10
mV
6V
≤ V
IN
≤ 40V, I
O =1mA
10
30
Load Regulation
100 µA
≤ I
O
≤ 5mA
10
30
mV
5mA
≤ I
O
≤ 50 mA
10
30
Dropout Voltage
I
O = 100 µA
0.05
0.10
V
I
O = 50 mA
0.20
0.40
V
Short Circuit Current
V
O = 0V
65
120
250
mA
Output Impedance
I
O = 30 mAdc and 10 mArms,
450
m
f = 1000 Hz
Output Noise Voltage
10 Hz–100 kHz
500
µV
Long Term Stability
20
mV/1000
Hr
Ripple Rejection
V
ripple =1Vrms, fripple = 120 Hz
−40
−60
dB
Reverse Polarity
R
L = 500
Ω,T=1ms
−50
−80
V
Transient Input Voltage
Output Voltage with
V
IN = −15V, RL = 500
0.00
−0.30
V
Reverse Polarity Input
Maximum Line Transient
R
L = 500
Ω,V
O
≤ 3.63V, T = 40ms
60
V
www.national.com
5


Similar Part No. - LM2936M-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936M-3.0 NSC-LM2936M-3.0 Datasheet
294Kb / 10P
   Ultra-Low Quiescent Current 3.0V Regulator
LM2936M-3.0 NSC-LM2936M-3.0 Datasheet
301Kb / 10P
   Ultra-Low Quiescent Current 3.0V Regulator
logo
Texas Instruments
LM2936M-3.0 TI-LM2936M-3.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936M-3.0 TI-LM2936M-3.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936M-3.0/NOPB TI-LM2936M-3.0/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
More results

Similar Description - LM2936M-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com