Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-2420RH Datasheet(PDF) 8 Page - Intersil Corporation

Part # HS-2420RH
Description  Radiation Hardened Fast Sample and Hold
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-2420RH Datasheet(HTML) 8 Page - Intersil Corporation

  HS-2420RH_03 Datasheet HTML 1Page - Intersil Corporation HS-2420RH_03 Datasheet HTML 2Page - Intersil Corporation HS-2420RH_03 Datasheet HTML 3Page - Intersil Corporation HS-2420RH_03 Datasheet HTML 4Page - Intersil Corporation HS-2420RH_03 Datasheet HTML 5Page - Intersil Corporation HS-2420RH_03 Datasheet HTML 6Page - Intersil Corporation HS-2420RH_03 Datasheet HTML 7Page - Intersil Corporation HS-2420RH_03 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Die Characteristics
DIE DIMENSIONS:
97 mils x 61 mils x 19 mils
METALLIZATION:
Type: Al
Thickness: 16kÅ
± 2kÅ
GLASSIVATION:
Type: Silox
Thickness: 14kÅ
± 2kÅ
WORST CASE CURRENT DENSITY:
2.0 x 105A/cm2
TRANSISTOR COUNT:
78
PROCESS:
Bipolar-Di
Metallization Mask Layout
HS-2420RH
HS-2420RH


Similar Part No. - HS-2420RH_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2420RH INTERSIL-HS-2420RH Datasheet
122Kb / 13P
   Radiation Hardened Fast Sample and Hold
July 1995
More results

Similar Description - HS-2420RH_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2420RH INTERSIL-HS-2420RH Datasheet
122Kb / 13P
   Radiation Hardened Fast Sample and Hold
July 1995
logo
Maxim Integrated Produc...
DS1843 MAXIM-DS1843 Datasheet
479Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 0; 5/09
DS1843 MAXIM-DS1843_12 Datasheet
483Kb / 8P
   Fast Sample-and-Hold Circuit
Rev 1; 2/12
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
   Sample and Hold
HA5352 INTERSIL-HA5352 Datasheet
133Kb / 5P
   Fast Acquisition Dual Sample and Hold Amplifier
logo
Curtis Electromusic.
CEM5510 CES-CEM5510 Datasheet
70Kb / 2P
   FAST OCTAL SAMPLE & HOLD
logo
Intersil Corporation
HA5352883 INTERSIL-HA5352883 Datasheet
27Kb / 1P
   Fast Acquisition Dual Sample and Hold Amplifier
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com