Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B81122 Datasheet(PDF) 6 Page - EPCOS

Part # B81122
Description  EMI suppression capacitors (MKP) Y2 / 250 VAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81122 Datasheet(HTML) 6 Page - EPCOS

  B81122 Datasheet HTML 1Page - EPCOS B81122 Datasheet HTML 2Page - EPCOS B81122 Datasheet HTML 3Page - EPCOS B81122 Datasheet HTML 4Page - EPCOS B81122 Datasheet HTML 5Page - EPCOS B81122 Datasheet HTML 6Page - EPCOS B81122 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt and k0 values
Lead spacing
10 mm
15 mm
22.5 mm
27.5 mm
dV/dt in V/
µs
550
400
200
150
k0 in V2/
µs
388 000
282 000
141 000
106 000
B81122
Y2 / 250 VAC
6


Similar Part No. - B81122

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81123 EPCOS-B81123 Datasheet
188Kb / 6P
   EMI suppression capacitors (MKP) Y1 / 250 VAC
logo
TDK Electronics
B81123 TDK-B81123 Datasheet
300Kb / 18P
   Film Capacitors - EMI Suppression Capacitors (MKP)
B81123C1102M TDK-B81123C1102M Datasheet
300Kb / 18P
   Film Capacitors - EMI Suppression Capacitors (MKP)
B81123C1102M TDK-B81123C1102M Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B81123C1102M000 EPCOS-B81123C1102M000 Datasheet
188Kb / 6P
   EMI suppression capacitors (MKP) Y1 / 250 VAC
More results

Similar Description - B81122

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81123 EPCOS-B81123 Datasheet
188Kb / 6P
   EMI suppression capacitors (MKP) Y1 / 250 VAC
B81130 EPCOS-B81130_04 Datasheet
164Kb / 6P
   EMI suppression capacitors (MKP) X2 / 275 VAC
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com