Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59910C0130A070 Datasheet(PDF) 7 Page - EPCOS

Part # B59910C0130A070
Description  Leaded disks, coated, 63 V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59910C0130A070 Datasheet(HTML) 7 Page - EPCOS

Back Button B59910C0130A070 Datasheet HTML 3Page - EPCOS B59910C0130A070 Datasheet HTML 4Page - EPCOS B59910C0130A070 Datasheet HTML 5Page - EPCOS B59910C0130A070 Datasheet HTML 6Page - EPCOS B59910C0130A070 Datasheet HTML 7Page - EPCOS B59910C0130A070 Datasheet HTML 8Page - EPCOS B59910C0130A070 Datasheet HTML 9Page - EPCOS B59910C0130A070 Datasheet HTML 10Page - EPCOS B59910C0130A070 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Characteristics (typical) for Tref = 120
°C
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
PTC current IPTC versus PTC voltage VPTC
(measured at 25
°C in still air)
Switching time tS versus switching current IS
(measured at 25
°C in still air)
Rated current IR versus ambient temperature TA
(measured in still air)
Overcurrent protection
Leaded disks, coated, 63 V
C910 ... C990
Page 7 of 13
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B59910C0130A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
600Kb / 15P
   PTC thermistors for overcurrent protection
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
603Kb / 13P
   PTC thermistors for overcurrent protection
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
349Kb / 15P
   PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
599Kb / 15P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59910C0130A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59830C0160A070 EPCOS-B59830C0160A070 Datasheet
83Kb / 5P
   Leaded Disks, Coated, 110 V
B59930C0080A070 EPCOS-B59930C0080A070_12 Datasheet
349Kb / 15P
   PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
B59935 EPCOS-B59935 Datasheet
82Kb / 5P
   Overcurrent Protection Leaded Disks, Coated
B59910 EPCOS-B59910 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59943 EPCOS-B59943 Datasheet
71Kb / 3P
   Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
B59100C0920A070 EPCOS-B59100C0920A070 Datasheet
81Kb / 5P
   Sensors Limit Temperature Sensors, Leaded Disks, Coated
B59935C0120A070 EPCOS-B59935C0120A070_12 Datasheet
149Kb / 10P
   PTC thermistors for overcurrent protection Leaded disks, coated, 12 V, 24 V
B59884C0120A070 EPCOS-B59884C0120A070_11 Datasheet
245Kb / 9P
   PTC thermistors for overcurrent protection Leaded disks, coated, 380 V, 500 V
B57164K0150 EPCOS-B57164K0150 Datasheet
61Kb / 3P
   Leaded Disks
B57153S0 EPCOS-B57153S0 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com