Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B8103 Datasheet(PDF) 5 Page - EPCOS

Part # B8103
Description  IF Filters for Cordless Phones and ISM-Band Application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8103 Datasheet(HTML) 5 Page - EPCOS

  B8103 Datasheet HTML 1Page - EPCOS B8103 Datasheet HTML 2Page - EPCOS B8103 Datasheet HTML 3Page - EPCOS B8103 Datasheet HTML 4Page - EPCOS B8103 Datasheet HTML 5Page - EPCOS B8103 Datasheet HTML 6Page - EPCOS B8103 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3
May 08, 2001
SAW Components
B 8103
110,59 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
T
= +25 ˚C
Terminating source impedance:
ZS = 50 Ω (190 Ω || 160 nH*)
Terminating load impedance:
ZL =50 Ω (180 Ω || 150 nH*)
*) with matching network to 50
Ω (element values depend on PCB layout):
min.
typ.
max.
Nominal frequency
fN
110,53
110,59
110,65 MHz
Insertion attenuationat
fN
α
N
14,0
15,5
17,0
dB
(including losses in matching network)
(11,1*)
(12,6*)
(14,1*) dB
Pass bandwidth
Β
3dB
0,66
0,70
0,74 MHz
Β
30dB
1,9
MHz
Group delay ripple (p-p)
∆τ
fN - 350 kHz
...
fN + 350 kHz
130
200
ns
(350*)
(450*)
ns
Relative attenuation (relative to
α
n)
α
rel
fN ± 20,0 MHz ... fN ± 3,1 MHz
42
48
dB
fN ± 3,1 MHz ... fN ± 2,5 MHz
40
48
dB
fN ± 2,5 MHz ... fN ± 1,3 MHz
32
38
dB
Impedance at
fN
Input:
ZIN
=
RIN
||
CIN
190 || 12
Ω || pF
Output:
ZOUT = ROUT || COUT
180 || 16
Ω || pF
Temperature coefficient of frequency
TCf
– 18
ppm/K
Ls1 = 100 nH
Ls2 = 120 nH


Similar Part No. - B8103

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B8103 PULSE-B8103 Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
More results

Similar Description - B8103

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4116FV ROHM-BA4116FV Datasheet
193Kb / 11P
   FM IF detector for cordless phones
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
   IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
logo
Rohm
BA4116FV-E2 ROHM-BA4116FV-E2 Datasheet
209Kb / 12P
   FM IF detector for cordless phones
logo
Agamem Microelectronic ...
AA32416 AGAMEM-AA32416 Datasheet
418Kb / 9P
   FM IF DETECTOR FOR CORDLESS PHONES
logo
Rohm
BH4127FV ROHM-BH4127FV Datasheet
125Kb / 9P
   IF detector IC for 900MHz spread spectrum cordless phones
logo
KEC(Korea Electronics)
KF927A KEC-KF927A Datasheet
198Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RF CIRCUITS OF ISM CORDLESS PHONE)
logo
Transko Electronics, In...
TF244200BC-SP TRANSKO-TF244200BC-SP Datasheet
1Mb / 4P
   ISM Band Application
Rev. 0: Jul. 2023
logo
WALSIN TECHNOLOGY CORPO...
RFBPB2012110AFT WALSIN-RFBPB2012110AFT Datasheet
93Kb / 1P
   For ISM Band 2.4GHz Application
logo
KEC(Korea Electronics)
KF903A KEC-KF903A Datasheet
196Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RF CIRCUITS OF ISM CORDLESS PHONE)
logo
Transko Electronics, In...
TF244200AB-SP TRANSKO-TF244200AB-SP Datasheet
1Mb / 4P
   ISM Band Application
Rev. 0: Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com