Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7852 Datasheet(PDF) 4 Page - EPCOS

Part # B7852
Description  Low-Loss Filter for Mobile Communication
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7852 Datasheet(HTML) 4 Page - EPCOS

  B7852 Datasheet HTML 1Page - EPCOS B7852 Datasheet HTML 2Page - EPCOS B7852 Datasheet HTML 3Page - EPCOS B7852 Datasheet HTML 4Page - EPCOS B7852 Datasheet HTML 5Page - EPCOS B7852 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Nov 9, 2004
SAW Components
B7852
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +75 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =150 Ω || 15 nH (balanced)
min.
typ.
max.
Center frequency
fC
1842,5
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
1,7
2,3
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
0,7
1,3
dB
Input VSWR
1805,0
... 1880,0
MHz
1,9
2,3
Output VSWR
1805,0
... 1880,0
MHz
1,9
2,3
Output amplitude balance
(|S31/S21|)
1805,0
...1880,0
MHz
-1,0
-0,5 / +0,6
1,0
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
1805,0
...1880,0
MHz
-10
-3 / +2
10
˚
Attenuation
α
0,0
... 902,0
MHz
30
53
dB
902,0
... 940,0
MHz
45
52
dB
940,0
... 1705,0
MHz
28
42
dB
1705,0
... 1785,0
MHz
13
18
dB
1920,0
... 1980,0
MHz
17
23
dB
1980,0
... 2030,0
MHz
24
29
dB
2030,0
... 2400,0
MHz
28
34
dB
2400,0
... 2500,0
MHz
32
42
dB
2500,0
... 2775,0
MHz
28
33
dB
2775,0
... 2880,0 MHz
40
54
dB
2880,0
... 3610,0
MHz
28
50
dB
3610,0
... 3760,0
MHz
40
50
dB
3760,0
... 5415,0
MHz
28
42
dB
5415,0
... 5640,0
MHz
35
42
dB
5640,0
... 6000,0
MHz
28
42
dB


Similar Part No. - B7852

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7851 EPCOS-B7851 Datasheet
80Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B78510A1223A003 EPCOS-B78510A1223A003 Datasheet
69Kb / 2P
   ISDN Transformers
B78510A1452A003 EPCOS-B78510A1452A003 Datasheet
69Kb / 2P
   ISDN Transformers
B78510A1452A003 EPCOS-B78510A1452A003_08 Datasheet
97Kb / 5P
   ISDN transformers
B78510P1365A005 EPCOS-B78510P1365A005 Datasheet
57Kb / 2P
   ISDN Transformers
More results

Similar Description - B7852

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4127 EPCOS-B4127 Datasheet
68Kb / 7P
   Low-Loss Filter for Mobile Communication
B7822 EPCOS-B7822 Datasheet
61Kb / 7P
   Low-Loss Filter for Mobile Communication
B7844 EPCOS-B7844 Datasheet
90Kb / 6P
   Low-Loss Filter for Mobile Communication
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
   Low-Loss Filter for Mobile Communication
B9015 EPCOS-B9015 Datasheet
72Kb / 6P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4126 ETC-B4126 Datasheet
49Kb / 4P
   Low Loss Filter for Mobile Communication
logo
EPCOS
B4133 EPCOS-B4133 Datasheet
70Kb / 6P
   Low-Loss Filter for Mobile Communication
B4166 EPCOS-B4166 Datasheet
77Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4168 ETC-B4168 Datasheet
85Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
EPCOS
B7834 EPCOS-B7834 Datasheet
67Kb / 6P
   Low-Loss Filter for Mobile Communication
B7806 EPCOS-B7806 Datasheet
86Kb / 7P
   Low-Loss Filter for Mobile Communication
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com