Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH284T-WLA Datasheet(PDF) 1 Page - Anachip Corp

Part # AH284T-WLA
Description  Hall-Effect Smart Fan Motor Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH284T-WLA Datasheet(HTML) 1 Page - Anachip Corp

  AH284T-WLA Datasheet HTML 1Page - Anachip Corp AH284T-WLA Datasheet HTML 2Page - Anachip Corp AH284T-WLA Datasheet HTML 3Page - Anachip Corp AH284T-WLA Datasheet HTML 4Page - Anachip Corp AH284T-WLA Datasheet HTML 5Page - Anachip Corp AH284T-WLA Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AH266
High Voltage Hall Effect Latch
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.2 Jan 19, 2005
1/6
Features
- On-chip Hall plate
- Operating voltage: 4V~28V
- Output current: 400mA(Continuous, 25
oC)
- Reverse protection diode only for chip reverse
power connecting (Note)
- Output protection Zener breakdown Vz=62V(Typ)
- Package: SIP-4L
(Note)
Protection diode only exists at power pin(1,4) output, not
including pin (2,3).
Application
- Dual-coil Brush-less DC Motor
- Dual-coil Brush-less DC Fan
- Revolution Counting
- Speed Measurement
Pin Assignment
1. VCC
2. DO
4. GND
3. DOB
General Description
AH266 is an integrated Hall sensor with output
drivers designed for electronic commutation of
brush-less DC motor applications. The device
includes an on-chip Hall voltage generator for
magnetic sensing, a comparator that amplifies the
Hall voltage, and a Schmitt trigger to provide
switching hysteresis for noise rejection, and
complementary darlington open-collector drivers for
sinking large current loads. An internal bandgap
regulator
is
used
to
provide
temperature
compensated supply voltage for internal circuits and
allows a wide operating supply range.
If a magnetic flux density (B) is larger than operate
point (Bop), DO turn on (low) and DOB turn off
(high). The outputs state is latched prior to reach
release point (Brp). if B< Brp, DO turn off and DOB
turn on. AH266 is rated for operation over
temperature range from -20
oC to 85 oC and voltage
range from 4V to 28V. The devices are available in
low cost die forms or rugged 4 pin SIP packages.
Pin Configuration
Name
Description
VCC
Positive Power Supply
DO
Output Pin
DOB
Output Pin
GND
Ground
Ordering Information
AH266 X -X X X -X
Packing
Blank : Tube
A : Taping
P: SIP-4L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Magnetic
Characteristics
Blank or
A~Z : if necessary
to specify
A or B


Similar Part No. - AH284T-WLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH284 ETC-AH284 Datasheet
271Kb / 9P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH284-P DIODES-AH284-P Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH284-PG-B DIODES-AH284-PG-B Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284-PL-13 DIODES-AH284-PL-13 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
More results

Similar Description - AH284T-WLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284_10 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com