Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2245 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MB2245
Description  16-bit transceivers with direction pins 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2245 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MB2245 Datasheet HTML 4Page - NXP Semiconductors MB2245 Datasheet HTML 5Page - NXP Semiconductors MB2245 Datasheet HTML 6Page - NXP Semiconductors MB2245 Datasheet HTML 7Page - NXP Semiconductors MB2245 Datasheet HTML 8Page - NXP Semiconductors MB2245 Datasheet HTML 9Page - NXP Semiconductors MB2245 Datasheet HTML 10Page - NXP Semiconductors MB2245 Datasheet HTML 11Page - NXP Semiconductors MB2245 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
MB2245
16-bit transceiver with direction pins (3-State)
1998 Jan 16
9
–3
–2
–1
0
1
2
3
4
5
6
7
8
0
50
100
150
200
tTLH vs Temperature (Tamb)
CL = 50pF, 1 Output Switching
°C
4.5VCC
5.5VCC
Adjustment of tTLH for
Load Capacitance and # of Outputs Switching
pF
1
2
3
4
–55
–35
–15
5
25
45
65
85
105
125
16 switching
8 switching
1 switching
VOHV and VOLP vs Load Capacitance
VCC = 5V, VIN = 0 to 3V
125
°C
25
°C
–55
°C
VOHP and VOLV vs Load Capacitance
VCC = 5V, VIN = 0 to 3V
125
°C
25
°C
–55
°C
125
°C
25
°C
–55
°C
125
°C
25
°C
–55
°C
tTHL vs Temperature (Tamb)
CL = 50pF, 1 Output Switching
°C
4.5VCC
5.5VCC
1
1.5
2.0
2.5
3.0
–55
–35
–15
5
25
45
65
85
105
125
–2
–1
0
1
2
3
4
5
6
7
0
50
100
150
200
Adjustment of tTHL for
Load Capacitance and # of Outputs Switching
pF
16 switching
8 switching
1 switching
–1
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
–2
–1
0
1
2
3
4
5
6
0
50
100
150
200
pF
pF
SB00048


Similar Part No. - MB2245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
MB2240BB PHILIPS-MB2240BB Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
MB2241BB PHILIPS-MB2241BB Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
More results

Similar Description - MB2245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16470 TI1-SN54ABT16470_08 Datasheet
338Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16543 TI1-54AC16543 Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com