Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2245 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MB2245
Description  16-bit transceivers with direction pins 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2245 Datasheet(HTML) 5 Page - NXP Semiconductors

  MB2245 Datasheet HTML 1Page - NXP Semiconductors MB2245 Datasheet HTML 2Page - NXP Semiconductors MB2245 Datasheet HTML 3Page - NXP Semiconductors MB2245 Datasheet HTML 4Page - NXP Semiconductors MB2245 Datasheet HTML 5Page - NXP Semiconductors MB2245 Datasheet HTML 6Page - NXP Semiconductors MB2245 Datasheet HTML 7Page - NXP Semiconductors MB2245 Datasheet HTML 8Page - NXP Semiconductors MB2245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
MB2245
16-bit transceiver with direction pins (3-State)
1998 Jan 16
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/IPU
Power-up/down 3-State
output current
VCC = 2.0V; VO = 0.5V; VI = GND or VCC;
V OE = VCC
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output high leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–70
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
65
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
48
60
60
mA
ICCZ
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
65
250
250
µA
∆ICC
Additional supply current per
input pin2
Outputs enabled, one input at 3.4V, other
inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
1
1.2
1.2
3.2
3.1
4.5
4.5
1.2
1.2
5.1
5.1
ns
tPZH
tPZL
Output enable time
to High and Low level
2
2.1
2.4
3.8
4.7
5.2
6.1
2.1
2.4
5.8
7.1
ns
tPHZ
tPLZ
Output disable time
from High and Low level
2
2.1
2.1
4.5
4.0
5.8
5.3
2.1
2.1
6.4
5.9
ns


Similar Part No. - MB2245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
MB2240BB PHILIPS-MB2240BB Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
MB2241BB PHILIPS-MB2241BB Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
More results

Similar Description - MB2245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16470 TI1-SN54ABT16470_08 Datasheet
338Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16543 TI1-54AC16543 Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com