Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM31A121SGPT Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # BLM31A121SGPT
Description  SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM31A121SGPT Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  BLM31A121SGPT Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM31A121SGPT Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM31A121SGPT Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM31A121SGPT Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Impedance
Rated
DCR
Operating
Dimensions: mm
Part Number
(Ohms)
Current
(Ohms max.)
Temperature
Typ. @ 100MHz
(mA)
Range
‚BLM21A121F
120
0.15
‚BLM21A151SG
150
0.15
‚BLM21A221SG
220
0.20
‚BLM21A331SG
330
200
0.25
–55 ~ +125°C
‚BLM21A401S
400
0.85
‚BLM21A471SG
470
0.25
‚BLM21A601F
600
0.3
‚BLM21A601R
600
500
0.3
–55 ~ +85°C
‚BLM21A601S
600
1.1
–55 ~ +125°C
‚BLM21A102F
1000
200
0.45
‚BLM21A102S
1000
0.45
–55 ~ +85°C
‚BLM31A260S
26
500
0.05
‚BLM31A700S
70
200
0.15
‚BLM31A601S
600
0.90
–55 ~ +125°C
‚BLM41A800S
80
500
0.1
‚BLM41A151S
150
200
0.5
1206
1806
SPECIFICATIONS
CG01-I
165
SURFACE MOUNT EMI FILTERS
CHIP FERRITE BEADS
0.7 ± 0.3
3.2 ± 0.2
1.1 ± 0.2*
*1.6 ± 0.3
on BLM31A700S
1.6 ± 0.2
0.7 ± 0.3
4.5 ± 0.2
1.6 ± 0.2
1.6 ± 0.2
BLM
A Series
0805
2.0 ± 0.2
0.85 ± 0.2
1.25 ± 0.2
0.5 ± 0.2
‚Available as standard through authorized Murata Electronics Distributors.


Similar Part No. - BLM31A121SGPT

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM31A MURATA-BLM31A Datasheet
50Kb / 2P
   Chip EMIFILr Inductor Type Chip Ferrite Beads
BLM31A MURATA-BLM31A Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM31A260S MURATA-BLM31A260S Datasheet
190Kb / 5P
   Product Specification for Reference Only
BLM31A601S MURATA-BLM31A601S Datasheet
190Kb / 5P
   Product Specification for Reference Only
BLM31A700S MURATA-BLM31A700S Datasheet
190Kb / 5P
   Product Specification for Reference Only
More results

Similar Description - BLM31A121SGPT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
logo
List of Unclassifed Man...
LI0402E190R-10 ETC2-LI0402E190R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
logo
Abracon Corporation
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
   Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Kemet Corporation
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
API Technologies Corp
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
   Surface Mount EMI Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com