Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR10150CTI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SBR10150CTI
Description  Super barrier rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SBR10150CTI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SBR10150CTI Datasheet HTML 1Page - List of Unclassifed Manufacturers SBR10150CTI Datasheet HTML 2Page - List of Unclassifed Manufacturers SBR10150CTI Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SYMBOL
UNITS
V
RM
V
RWM
V
RRM
Volts
I
O
Amps
I
FSM
Amps
I
RRM
Amps
V
F
*
Volts
I
R
mA
dv/dt
V/uS
R
θ
JC
OC/W
T
J
OC
* Pulse width < 300 uS, Duty cycle < 2%
http://www.apdsemi.com
Version 1.0 - August 2006
2
________________________________________________________________________________________________
Max
0.2
25
Maximum Instantaneous Reverse Current at
Rated V
RM
T
J =
25OC
T
J = 125
OC
Typ
---
---
-65 to +150
2
4
10,000
Operating and Storage Junction Temperature
Maximum Rate of Voltage Change
(at Rated V
R)
Maximum Thermal Resistance JC (per leg)
Package = TO-220AB, TO-262, & TO-263
Package = ITO-220
Peak Repetitive Reverse Surge Current
(2uS-1Khz)
SBR10150CTB
DC Blocking Voltage
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
150
SBR10150CT
Average Rectified Forward Current
(Rated VR-20Khz Square Wave) - 50% duty
cycle
SBR10150CTF
SBR10150CTI
Maximum Ratings and Electrical Characteristics
(at 25
OC unless otherwise specified)
Typ
---
---
Instantaneous Forward Voltage (per leg)
I
F =
5A; T
J =
25
OC
I
F =
5A; T
J= 125
OC
10
Max
0.88
0.79
120
2
Peak Forward Surge Current - 1/2 60hz


Similar Part No. - SBR10150CTI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10150CT DIODES-SBR10150CT Datasheet
171Kb / 5P
   SUPER BARRIER RECTIFIER
logo
Sangdest Microelectroni...
SBR10150CT SMC-SBR10150CT Datasheet
198Kb / 6P
   SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBR10150CT DIODES-SBR10150CT Datasheet
171Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10150CT-G DIODES-SBR10150CT-G Datasheet
171Kb / 5P
   SUPER BARRIER RECTIFIER
SBR10150CT-G DIODES-SBR10150CT-G Datasheet
171Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR10150CTI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com